Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3441L Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP3441L
Description  1MHZ, 3A STEP-DOWN DC-DC BUCK CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3441L Datasheet(HTML) 4 Page - Diodes Incorporated

  AP3441L Datasheet HTML 1Page - Diodes Incorporated AP3441L Datasheet HTML 2Page - Diodes Incorporated AP3441L Datasheet HTML 3Page - Diodes Incorporated AP3441L Datasheet HTML 4Page - Diodes Incorporated AP3441L Datasheet HTML 5Page - Diodes Incorporated AP3441L Datasheet HTML 6Page - Diodes Incorporated AP3441L Datasheet HTML 7Page - Diodes Incorporated AP3441L Datasheet HTML 8Page - Diodes Incorporated AP3441L Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AP3441/L
Document number: DS39754 Rev. 3 - 2
4 of 13
www.diodes.com
September 2019
© Diodes Incorporated
AP3441/L
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Rating
Unit
VIN
Input Voltage
-0.3 to 6
V
VEN
EN Pin Voltage
-0.3 to VIN+0.3
V
VFB
FB Pin Voltage
-0.3 to VIN+0.3
V
VLX
LX Pin Voltage
-0.3 to VIN+0.3
V
VLX
LX Pin Voltage
-3 to VIN +3 for <20ns
V
VFB
Feedback Pin Voltage
-0.3 to VIN+0.3
V
PD
Power Dissipation (On PCB, TA = +25°C)
1.4
W
θJA
Thermal Resistance (Junction to Ambient)
70
°C/W
θJC
Thermal Resistance (Junction to Case, Simulation)
8.2
°C/W
TJ
Operating Junction Temperature
+150
°C
TSTG
Storage Temperature
-55 to +150
°C
VHBM
ESD (Human Body Model, JESD22-A114)
2000
V
VCDM
ESD (Charge Device Mode, JESD22-C101)
1000
V
Note:
4.
Stresses greater than those listed under “Absolute Maximum Ratings” can cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods can affect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Supply Voltage
2.7
5.5
V
TJ
Junction Temperature Range
-40
+125
°C
TA
Operating Ambient Temperature
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com