Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3441L Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP3441L
Description  1MHZ, 3A STEP-DOWN DC-DC BUCK CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3441L Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP3441L Datasheet HTML 5Page - Diodes Incorporated AP3441L Datasheet HTML 6Page - Diodes Incorporated AP3441L Datasheet HTML 7Page - Diodes Incorporated AP3441L Datasheet HTML 8Page - Diodes Incorporated AP3441L Datasheet HTML 9Page - Diodes Incorporated AP3441L Datasheet HTML 10Page - Diodes Incorporated AP3441L Datasheet HTML 11Page - Diodes Incorporated AP3441L Datasheet HTML 12Page - Diodes Incorporated AP3441L Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AP3441/L
Document number: DS39754 Rev. 3 - 2
9 of 13
www.diodes.com
September 2019
© Diodes Incorporated
AP3441/L
Application Information
The AP3441/L is a 3A current mode control, synchronous buck regulator with integrated power MOSFETs. Current mode control assures excellent
line regulation, load regulation, and a wide loop bandwidth for fast response to load transients. See the Typical Applications Circuit and Functional
Block Diagram of AP3441/L for more details. The buck controller drives the internal high side P-FETs. The buck regulator can operate from an
unregulated DC source, such as a battery, with a voltage ranging from 2.7V to 5.5V. The converter output can be regulated as low as 0.6V to as
high as VIN. The feedback loop is compensated internally.
Under Voltage Lockout (UVLO) Circuit
When the VIN drops lower than the UVLO detector threshold, the UVLO circuit starts to operate, VREF stops, and high-side switch and low-side
switch built-
in switch transistors turn “OFF”. As a result, VOUT drops according to the COUT capacitance value and the load. When the VIN is rising
higher than UVLO released voltage, the IC will restart the operation.
Short Circuit Protection and Recovery
When the AP3441/L output node is shorted to GND that VFB drops under 0.42V, the AP3441 will enter hiccup mode to protect itself and the
AP3441L will enter latch-off mode. If short condition is removed, and VFB rises over 0.42V, the AP3441 will recover to normal operation again. The
AP3441L will remain in this state until VIN or EN pin voltage is recycled. If the AP3441/L reaches OCP threshold while short circuit, the AP3441
will enter cycle by cycle current limit mode until the current under OCP threshold.
Over Voltage Protection (AP3441L Only)
The AP3441L has internal output OVP circuits. When VOUT is exceeds 120% of the regulation level for more than 40µs, the power switches will be
turned off. The AP3441L enters latch off mode and will restart until VIN or EN pin voltage is recycled.
Over Temperature Protection
The internal thermal temperature protection circuitry is provided to protect the integrated circuit in the event that the maximum junction
temperature is exceeded. When the junction temperature exceeds +150°C, it shuts down the internal control circuit and switching power MOSFET.
The AP3441/L will restart automatically under the control of soft start circuit when the junction temperature decreases to +130°C.
Setting the Output Voltage
Choose R1 and R2 to program the proper output voltage. Resistor R1 is selected based on a design tradeoff between efficiency and output
voltage accuracy. For high values of R1 there is less current consumption in the feedback network. However the tradeoff is output voltage
accuracy due to the bias current in the error amplifier. Table 1 shows a list of resistors selection for common output voltages. An optional C1 of
10pF to 470pF used to boost the phase margin and improve stability. R2 in Figure 1 can be determined by the following equation:
6
.
0
V
6
.
0
R
R
OUT
1
2
Figure 1. Feedback Divider Network
Table 1. Recommended Component Selection
VOUT (V)
R1 (kΩ)
R2 (kΩ)
C1 (pF)
L1 (µH)
1.0V
68
kΩ
100
kΩ
22pF
1.0µH
1.2V
100
kΩ
100
kΩ
22pF
1.0µH
1.5V
150
kΩ
100
kΩ
22pF
1.5 to 2.2µH
1.8V
200
kΩ
100
kΩ
22pF
1.5 to 2.2µH
2.5V
317
kΩ
100
kΩ
22pF
2.2µH
2.8V
367
kΩ
100
kΩ
22pF
2.2µH
LX
FB
R1
R2
C1
L1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com