Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3441L Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP3441L
Description  1MHZ, 3A STEP-DOWN DC-DC BUCK CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3441L Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP3441L Datasheet HTML 5Page - Diodes Incorporated AP3441L Datasheet HTML 6Page - Diodes Incorporated AP3441L Datasheet HTML 7Page - Diodes Incorporated AP3441L Datasheet HTML 8Page - Diodes Incorporated AP3441L Datasheet HTML 9Page - Diodes Incorporated AP3441L Datasheet HTML 10Page - Diodes Incorporated AP3441L Datasheet HTML 11Page - Diodes Incorporated AP3441L Datasheet HTML 12Page - Diodes Incorporated AP3441L Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AP3441/L
Document number: DS39754 Rev. 3 - 2
11 of 13
www.diodes.com
September 2019
© Diodes Incorporated
AP3441/L
Ordering Information
AP3441 X X – X
Packing
Package
SHE : U-DFN2020-8
(Type E)
-7B : Tape & Reel
Version
Blank : AP3441
L : AP3441L
Package
Temperature Range
Part Number
Marking ID
Packing
U-DFN2020-8 (Type E)
-40 to +85°C
AP3441SHE-7B
9B
-7B
U-DFN2020-8 (Type E)
-40 to +85°C
AP3441LSHE-7B
9C
-7B
Marking Information
(1)
U-DFN2020-8 (Type E)
( Top View )
Y W X
XX
XX : Identification Code
X : Internal Code
Y : Year : 0~9
W : Week : A~Z : 1~26 week;
a~z : 27~52 week; z represents
52 and 53 week



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com