Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3441L Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP3441L
Description  1MHZ, 3A STEP-DOWN DC-DC BUCK CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3441L Datasheet(HTML) 3 Page - Diodes Incorporated

  AP3441L Datasheet HTML 1Page - Diodes Incorporated AP3441L Datasheet HTML 2Page - Diodes Incorporated AP3441L Datasheet HTML 3Page - Diodes Incorporated AP3441L Datasheet HTML 4Page - Diodes Incorporated AP3441L Datasheet HTML 5Page - Diodes Incorporated AP3441L Datasheet HTML 6Page - Diodes Incorporated AP3441L Datasheet HTML 7Page - Diodes Incorporated AP3441L Datasheet HTML 8Page - Diodes Incorporated AP3441L Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AP3441/L
Document number: DS39754 Rev. 3 - 2
3 of 13
www.diodes.com
September 2019
© Diodes Incorporated
AP3441/L
Functional Block Diagram
LX
PGND
Error
Amplifier
FB
EN
PWM
Comparator
Buffer &
Dead Time
Control
Logic
Control
Logic
Current
Sensing
Reverse Inductor
Current Comparator
VIN OVP Comparator
Oscillator
Slope
Compensation
OCP
Comparator
Soft
Start
Bias
Generator
Shutdown
Comparator
Bandgap
Reference
UVLO
VIN
7
1
4
6
3
SGND
8
PG
2
Latch Off
Circuit
SCP
OVP
AP3441L only
Functional Block Diagram of AP3441/L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com