Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3428 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP3428
Description  1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3428 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP3428 Datasheet HTML 1Page - Diodes Incorporated AP3428 Datasheet HTML 2Page - Diodes Incorporated AP3428 Datasheet HTML 3Page - Diodes Incorporated AP3428 Datasheet HTML 4Page - Diodes Incorporated AP3428 Datasheet HTML 5Page - Diodes Incorporated AP3428 Datasheet HTML 6Page - Diodes Incorporated AP3428 Datasheet HTML 7Page - Diodes Incorporated AP3428 Datasheet HTML 8Page - Diodes Incorporated AP3428 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AP3428/A
Document number: DS37417 Rev. 5 - 2
4 of 14
www.diodes.com
May 2021
© Diodes Incorporated
AP3428/A
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Rating
Unit
VIN
Input Voltage
-0.3 to 6
V
VEN
EN Pin Voltage
-0.3 to VIN+0.3
V
VLX
LX Pin Voltage
-0.3 to VIN+0.3
V
-3V to 7V (<40ns)
V
VFB
Feedback Pin Voltage
-0.3 to VIN+0.3
V
PD
Power Dissipation (on PCB, TA = +25°C)
TSOT25
TSOT25 (Type SM)
0.4
W
U-DFN2020-6 (Type J)
1.89
θJA
Thermal Resistance (Junction to Ambient)
TSOT25
TSOT25 (Type SM)
220
°C/W
U-DFN2020-6 (Type J)
53
θJC
Thermal Resistance (Junction to Case, Simulation)
TSOT25
TSOT25 (Type SM)
130
ºC/W
U-DFN2020-6 (Type J)
25
TJ
Operating Junction Temperature
+155
°C
TSTG
Storage Temperature
-55 to +150
°C
VMM
ESD (Machine Model)
200
V
VHBM
ESD (Human Body Model)
2000
V
VCDM
ESD (Charge Device Mode)
1000
V
Note 4:
Stresses greater than those listed under Absolute Maximum Ratings can cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied.
Exposure to Absolute Maximum Ratings for extended periods can affect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Supply Voltage
2.5
5.5
V
TJ
Junction Temperature Range
-40
+125
°C
TA
Operating Ambient Temperature
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com