Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3428 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP3428
Description  1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3428 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP3428 Datasheet HTML 1Page - Diodes Incorporated AP3428 Datasheet HTML 2Page - Diodes Incorporated AP3428 Datasheet HTML 3Page - Diodes Incorporated AP3428 Datasheet HTML 4Page - Diodes Incorporated AP3428 Datasheet HTML 5Page - Diodes Incorporated AP3428 Datasheet HTML 6Page - Diodes Incorporated AP3428 Datasheet HTML 7Page - Diodes Incorporated AP3428 Datasheet HTML 8Page - Diodes Incorporated AP3428 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AP3428/A
Document number: DS37417 Rev. 5 - 2
2 of 14
www.diodes.com
May 2021
© Diodes Incorporated
AP3428/A
Typical Applications Circuit
R1
R2
VIN
EN
LX
FB
L1 2.2
mH
CIN
10mF
VIN=2.5V to 5.5V
GND
COUT
10
mF
VOUT=1.8V
ON
OFF
C1
22pF
300k
150k
Pin Descriptions
Pin Number
Pin
Name
Function
TSOT25/ TSOT25
(Type SM)
for AP3428
TSOT25/ TSOT25
(Type SM)
for AP3428A
U-DFN2020-6
(Type J)
1
3
2
EN
Enable control input. Force this pin voltage above 1.5V enables
the chip, and below 0.4V shuts down the device.
2
2
5
GND
Ground pin
3
5
4
LX
The drains of the internal main and synchronous power
MOSFET.
4
1
3
VIN
Bias supply. Chip main power supply pin
5
4
6
FB
Feedback voltage to internal error amplifier, the threshold
voltage is 0.6V.
—
—
1
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com