Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3428 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP3428
Description  1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3428 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP3428 Datasheet HTML 1Page - Diodes Incorporated AP3428 Datasheet HTML 2Page - Diodes Incorporated AP3428 Datasheet HTML 3Page - Diodes Incorporated AP3428 Datasheet HTML 4Page - Diodes Incorporated AP3428 Datasheet HTML 5Page - Diodes Incorporated AP3428 Datasheet HTML 6Page - Diodes Incorporated AP3428 Datasheet HTML 7Page - Diodes Incorporated AP3428 Datasheet HTML 8Page - Diodes Incorporated AP3428 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AP3428/A
Document number: DS37417 Rev. 5 - 2
3 of 14
www.diodes.com
May 2021
© Diodes Incorporated
AP3428/A
Functional Block Diagram
LX
GND
Error
Amplifier
FB
EN
PWM
Comparator
Buffer &
Dead Time
Control
Logic
Control
Logic
Current
Sensing
Reverse Inductor
Current Comparator
VIN OVP Comparator
Oscillator
Slope
Compensation
OCP
Comparator
Soft
Start
Bias
Generator
Shutdown
Comparator
Bandgap
Reference
UVLO
VIN
1(3){2}
5(4){6}
2(2){5}
3(5){4}
4(1){3}
(A): TSOT25/TSOT25 (Type SM) for AP3428
(B): TSOT25/TSOT25 (Type SM) for AP3428A
(C): U-DFN2020-6 (Type J)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com