Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3428 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP3428
Description  1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3428 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP3428 Datasheet HTML 4Page - Diodes Incorporated AP3428 Datasheet HTML 5Page - Diodes Incorporated AP3428 Datasheet HTML 6Page - Diodes Incorporated AP3428 Datasheet HTML 7Page - Diodes Incorporated AP3428 Datasheet HTML 8Page - Diodes Incorporated AP3428 Datasheet HTML 9Page - Diodes Incorporated AP3428 Datasheet HTML 10Page - Diodes Incorporated AP3428 Datasheet HTML 11Page - Diodes Incorporated AP3428 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
AP3428/A
Document number: DS37417 Rev. 5 - 2
8 of 14
www.diodes.com
May 2021
© Diodes Incorporated
AP3428/A
Application Information
Typical application circuit is shown in the Typical Applications Circuit and for the circuit parameters setting please refers to the following
descriptions.
Under Voltage Lockout (UVLO) Circuit
When the VIN drops lower than the UVLO detector threshold, the UVLO circuit starts to operate, VREF stops, and high-side switch and low-side
switch built-
in switch transistors turn “OFF”. As a result, VOUT drops according to the COUT capacitance value and the load. When the V
IN is rising
higher than UVLO released voltage, the IC will restart the operation.
Short Circuit Protection and Recovery
When the AP3428/A output node is shorted to GND that VFB drops under 0.42V, AP3428/A will enter hiccup mode to protect itself. If short circuit is
removed, and VFB rises over 0.42V, the AP3428/A recovers to normal operation again. If the AP3428/A reaches OCP threshold while short circuit,
the AP3428/A will enter cycle by cycle current limit mode until the current under OCP threshold.
Over Temperature Protection
The internal thermal temperature protection circuitry is provided to protect the integrated circuit in the event that the maximum junction
temperature is exceeded. When the junction temperature exceeds +160°C, it shuts down the internal control circuit and switching power MOSFET.
The AP3428/A will restart automatically under the control of soft start circuit when the junction temperature decreases to +145°C.
Setting the Output Voltage
The output voltage can be adjusted from 1 to 5V using an external resistor divider. Table 1 shows a list of resistor selections for common output
voltages. Resistor R1 is selected based on a design tradeoff between efficiency and output voltage accuracy. For high values of R1 there is less
current consumption in the feedback network. However the tradeoff is output voltage accuracy due to the bias current in the error amplifier. R1 can
be determined by the following equation. Meanwhile, the input capacitor should close to IC for preventing unexpected influences.
Figure 1. Feedback Divider Network
Table 1. Resistor Selection for Common Output
Out Voltage
R1
R2
C1
1.0V
91k
Ω
120k
Ω
22pF
1.2V
100k
Ω
100k
Ω
22pF
1.5V
150k
Ω
100k
Ω
22pF
1.8V
300k
Ω
150k
Ω
22pF
2.5V
380k
Ω
120k
Ω
22pF
2.8V
440k
Ω
120k
Ω
22pF
3.3V
430k
Ω
100k
Ω
22pF
LX
FB
R1
R2
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com