Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1744 Datasheet(PDF) 7 Page - ams AG

Part # AS1744
Description  High-Speed, Low-Voltage, Dual, Single-Supply, 4?? SPDT Analog Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1744 Datasheet(HTML) 7 Page - ams AG

Back Button AS1744 Datasheet HTML 3Page - ams AG AS1744 Datasheet HTML 4Page - ams AG AS1744 Datasheet HTML 5Page - ams AG AS1744 Datasheet HTML 6Page - ams AG AS1744 Datasheet HTML 7Page - ams AG AS1744 Datasheet HTML 8Page - ams AG AS1744 Datasheet HTML 9Page - ams AG AS1744 Datasheet HTML 10Page - ams AG AS1744 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AS1744, AS1745
austriamicrosystems
Data Sheet
Power-Supply Sequencing
www.austriamicrosystems.com
Revision 1.53
7 - 16
8 Application Information
Power-Supply Sequencing
Proper power-supply sequencing is critical for proper operation. The recommended sequence is as follows:
1. V+
2. NOx, NCx, COMx
Always apply V+ before applying analog signals, especially if the analog signal is not current-limited. If the above
sequence is not possible, and if the analog inputs are not current-limited to less than 30mA, add a small-signal diode
as shown in Figure 10 (D1). If the analog signal can dip below GND, add diode D2. Adding these diodes will reduce the
analog range to a diode-drop (about 0.7V) below V+ (for D1), and a diode-drop above ground (for D2).
Note:
Operation beyond the absolute maximum ratings (see page 2) may permanently damage the devices.
Overvoltage Protection
ON-resistance increases slightly at lower supply voltages.
Figure 10. Overvoltage Protection Using 2 External Blocking Diodes
Adding diode D2 to the circuit shown in Figure 10 causes the logic threshold to be shifted relative to GND. Diodes D1
and D2 also protect against overvoltage conditions.
For example, in the circuit shown in Figure 10, if the supply voltage goes below the absolute maximum rating, and if a
fault voltage up to the absolute maximum rating is applied to an analog signal pin, no damage will result.
Note:
The supply voltage (V+) must not exceed the absolute maximum rating of +7V.
Power Supply Bypass
Power supply connections to the devices must maintain a low impedance to ground. This can be done using a bypass
capacitor, which will also improve noise margin and prevent switching noise propagation from the V+ supply to other
components.
Layout Considerations
High-speed switches require proper layout and design procedures for optimum performance.
!
Reduce stray inductance and capacitance by keeping traces short and wide.
!
Ensure that bypass capacitors are as close to the device as possible.
!
Use large ground planes where possible.
AS1744/AS1745
GND
VGEN
NOx
D2
D1
V+
V+
COMx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com