Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1744 Datasheet(PDF) 8 Page - ams AG

Part # AS1744
Description  High-Speed, Low-Voltage, Dual, Single-Supply, 4?? SPDT Analog Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1744 Datasheet(HTML) 8 Page - ams AG

Back Button AS1744 Datasheet HTML 4Page - ams AG AS1744 Datasheet HTML 5Page - ams AG AS1744 Datasheet HTML 6Page - ams AG AS1744 Datasheet HTML 7Page - ams AG AS1744 Datasheet HTML 8Page - ams AG AS1744 Datasheet HTML 9Page - ams AG AS1744 Datasheet HTML 10Page - ams AG AS1744 Datasheet HTML 11Page - ams AG AS1744 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AS1744, AS1745
austriamicrosystems
Data Sheet
Timing Diagrams and Test Setups
www.austriamicrosystems.com
Revision 1.53
8 - 16
Timing Diagrams and Test Setups
Figure 11. Switching Time
Figure 12. Break-Before-Make Interval
Figure 13. Charge Injection
AS1744/
AS1745
COMx
RLOAD
VOUT
INx
V+
V+
Switch
Output
Logic
Input
0
0
VOUT
VIH + 0.5V
tON
tOFF
tR < 5ns
tF < 5ns
50%
50%
0.9 x VOUT
NOx or NCx
VIN
NCx or NOx
CLOAD
Includes stray capacitance and fixture capacitance.
0.9 x VOUT
Logic input waveforms inverted for switches
that have the opposite logic sense.
GND
Logic
Input
AS1744/
AS1745
COMx
VOUT
INx
V+
V+
NOx or NCx
VIN
NCx or NOx
Includes stray capacitance and fixture capacitance.
Logic
Input
0
VOUT
VIH + 0.5V
tD
tR < 5ns
tF < 5ns
50%
0.9 x VOUT
RLOAD
CLOAD
GND
Logic
Input
AS1744/
AS1745
COMx
NCx
or NOx
CLOAD
VOUT
RGEN
V+
VOUT
INx
∆VOUT
INx depends on switch configuration; input polar-
ity is determined by the sense of the switches.
Q =
∆VOUT x CLOAD
V+
VINL to
VINH
INx
INx
Off
Off
Off
Off
On
On
VGEN
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com