Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1744 Datasheet(PDF) 14 Page - ams AG

Part # AS1744
Description  High-Speed, Low-Voltage, Dual, Single-Supply, 4?? SPDT Analog Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1744 Datasheet(HTML) 14 Page - ams AG

Back Button AS1744 Datasheet HTML 8Page - ams AG AS1744 Datasheet HTML 9Page - ams AG AS1744 Datasheet HTML 10Page - ams AG AS1744 Datasheet HTML 11Page - ams AG AS1744 Datasheet HTML 12Page - ams AG AS1744 Datasheet HTML 13Page - ams AG AS1744 Datasheet HTML 14Page - ams AG AS1744 Datasheet HTML 15Page - ams AG AS1744 Datasheet HTML 16Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AS1744, AS1745
austriamicrosystems
Data Sheet
Package Drawings and Markings
www.austriamicrosystems.com
Revision 1.53
14 - 16
Notes:
1. Dimensioning and tolerancing are compliant with ASME Y14.5M-1994.
2. Dimensions are in millimeters, angles in degrees (º).
3. N is the total number of terminals.
4. The terminal 1 identifier and terminal numbering convention shall conform to JESD 95-1 SPP-012. Details of
terminal 1 identifier are optional, but must be located within the zone indicated. The terminal 1 identifier may
be either a mold, embedded metal or mark feature.
5. Dimension b applies to metallized terminal and is measured between 0.15 and 0.30mm from terminal tip.
6. ND refers to the maximum number of terminals on D side.
7. Variation shown in Figure 18 is for illustration purposes only.
8. For variation identifier dimension details, refer to the Dimensions table.
9. For a complete set of dimensions for each variation, refer to the Variations table.
10. Unilateral coplanarity zone applies to the exposed heat sink slug and the terminals.
11. For a rectangular package, the terminal side of the package is determined by:
- Type 1: Terminals are on the short side of the package.
- Type 2: Terminals are on the long side of the package.
12. Variations specified as NJR (non JEDEC registered), with an additional dash number (e.g., -1, -2) are pack-
ages currently not registered with JEDEC.
13. When more than one variations exist for the same profile height, body size (DxE), and pitch, then those vari-
ations will be denoted by an additional dash number (i.e., -1,-2) for identification. The new variations shall be
created based on any or all of the following factors: terminal count, terminal length, and exposed pad sizes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com