Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1744 Datasheet(PDF) 10 Page - ams AG

Part # AS1744
Description  High-Speed, Low-Voltage, Dual, Single-Supply, 4?? SPDT Analog Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1744 Datasheet(HTML) 10 Page - ams AG

Back Button AS1744 Datasheet HTML 6Page - ams AG AS1744 Datasheet HTML 7Page - ams AG AS1744 Datasheet HTML 8Page - ams AG AS1744 Datasheet HTML 9Page - ams AG AS1744 Datasheet HTML 10Page - ams AG AS1744 Datasheet HTML 11Page - ams AG AS1744 Datasheet HTML 12Page - ams AG AS1744 Datasheet HTML 13Page - ams AG AS1744 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AS1744, AS1745
austriamicrosystems
Data Sheet
Pin Assignments
www.austriamicrosystems.com
Revision 1.53
10 - 16
9 Pinout and Packaging
Pin Assignments
Figure 16. Pin Assignments (Top View)
Pin Descriptions
Table 4. Pin Descriptions
Pin Number
Pin Name
Description
AS1744
AS1745
10
10
COM1
Analog Switch 1 Common
6
6
COM2
Analog Switch 2 Common
3
3
GND
Ground
1
1
IN1
Analog Switch 1 Logic Control Input
5
5
IN2
Analog Switch 2 Logic Control Input
9
2
NC1
Analog Switch 1 Normally Closed Terminal
7
4
NC2
Analog Switch 2 Normally Closed Terminal
2
9
NO1
Analog Switch 1 Normally Open Terminal
4
7
NO2
Analog Switch 2 Normally Open Terminal
8
8
V+
Input Supply Voltage
. +1.8 to +5.5V
AS1744
10 COM1
7 NC2
8 V+
9 NC1
1
IN1
4
NO2
3
GND
2
NO1
6 COM2
5
IN2
AS1745
10 COM1
7 NO2
8 V+
9 NO1
1
IN1
4
NC2
3
GND
2
NC1
6 COM2
5
IN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com