Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8501 Datasheet(PDF) 16 Page - ams AG

Part # AS8501
Description  High precision voltage and current measurement sensor interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8501 Datasheet(HTML) 16 Page - ams AG

Back Button AS8501 Datasheet HTML 12Page - ams AG AS8501 Datasheet HTML 13Page - ams AG AS8501 Datasheet HTML 14Page - ams AG AS8501 Datasheet HTML 15Page - ams AG AS8501 Datasheet HTML 16Page - ams AG AS8501 Datasheet HTML 17Page - ams AG AS8501 Datasheet HTML 18Page - ams AG AS8501 Datasheet HTML 19Page - ams AG AS8501 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
AS8501 - Preliminary Data Sheet
austriamicrosystems
Revision 1.1, 04-April-06
www.austriamicrosystems.com
Page 16 of 40
7.5.1
OPM operation mode register ( 4 bits )
no.
Bit
mo3
mo2
mo1
mo0
Note
0
default
0
0
0
0
1)
1)
This register has been described in detail under 7.4
7.5.2
CRG general configuration register ( 28 bits )
no.
CRG bits
27-22
21-11
10-7
6-0
NOTE
0
CRS
CRI
CRV
CRP
subregister CRS: Sequence length, dechop and chop ( 6 bits )
Nr.
Bits
5
4
3
2
1
0
NOTE
0
CRS bit
names
s3
s2
s1
s0
d
c
1)
1
Default
0
0
0
1
1
1 2)
Notes:
1)
This register defines the sequence length, chopping (c) and dechopping (d) of the input signal
2)
Default power-up state before any setting
Sequence length bits ( 4bits)
Nr.
No. of measurements
s3
s2
s1
s0
NOTE
0
16
0
0
0
0 1)
1
1
0
0
0
1 default
…
…
…
…
…
…
14
14
1
1
1
0
15
15
1
1
1
1
Notes:
1)
Number of consecutive measurements of A and B with settings defined in CRA,CRB
and other settings in CRG register. This setting is used only for mode MMD.
DECHOPPING BIT
Nr.
Dechopping
d
NOTE
0
No dechopping
0
1
Dechopping
1
CHOPPING BIT
Nr.
Chopping
c
NOTE
0
No chopping
0
1
chopping
1
subregister CRI: Current configuration ( 11 bits )
Nr.
Bits
10
9
8
7
6
5
4
3
2
1
0
NOTE
0
CRI bit
names
M14
M13
M12
M11
M8
M6
i4
i3
I2
i1
i0 1),3)
1
Default
0
0
0
0
0
0
0
0
0
0
0 2)
2
output
VBAT
RSHL
RSHH
no
ETS
ETR
Notes:
1)
whenever M1=1 in (CRA,CRB) it is good practice to set all M6 to M14 to zero, but it is not mandatory
2)
default logic state after power up and before any setting
3)
All bits with names M14 to M1 represent control signals of the multiplexer with positive logic (for example M14=1
means that corresponding switch is closed).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com