Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8501 Datasheet(PDF) 6 Page - ams AG

Part # AS8501
Description  High precision voltage and current measurement sensor interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8501 Datasheet(HTML) 6 Page - ams AG

Back Button AS8501 Datasheet HTML 2Page - ams AG AS8501 Datasheet HTML 3Page - ams AG AS8501 Datasheet HTML 4Page - ams AG AS8501 Datasheet HTML 5Page - ams AG AS8501 Datasheet HTML 6Page - ams AG AS8501 Datasheet HTML 7Page - ams AG AS8501 Datasheet HTML 8Page - ams AG AS8501 Datasheet HTML 9Page - ams AG AS8501 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
AS8501 - Preliminary Data Sheet
austriamicrosystems
Revision 1.1, 04-April-06
www.austriamicrosystems.com
Page 6 of 40
Electrical characteristics (continued)
VDDA=5V +/-0.1 V, fclk=8.192 MHz, chopping ratio MM=4 (see 7.5.3), oversampling frequency=2.048 MHz, oversampling ratio=128
temperature range : -40 to 125°C if not otherwise noted
symbol
parameter
conditions
min
typ
max
units
cal_err
calibration error
for 30 000 digits output at
full range
G1, 720 mV
G6, 120 mV
G24, 30 mV
G50, 15 mV
G100, 7.5 mV
0.1
0.2
%
1)
lin_err
nonlinearity
gain 6 @ room temp
0.1
0.3
% or 30 digits 2)
gain 24 @ room temp
0.03
0.05
% or 10 digits 2)
gain 50 @ room temp
0.05
0.07
% or 15 digits 2)
gain 100 @ room temp
0.05
0.1
% or 20 digits 2)
lin_errTC
TC of linearity error
all gains
1
5
ppm/K
3)
Vos
offset voltage:
RSHH_RSHL
-40 to 125°C
-0.5
0.2
0.5
µV
4)
offset voltage: ETS, ETR,
VBAT
-40 to 85°C
-2
0.5
1
µV
4)
85 to 125°C
-4
1
2
µV
4)
dVos/dT
Offset voltage drift: RSHH-
RSHL
-40 to 85 °C
0.002
µV/K
Ib
input bias/leakage current,
all channels
room temperature
-1
0.2
1
nA
5)
Vndin
voltage noise density
(G=24)
f=0 to 1 kHz
35
50
nV//Hz
6)
Indin
current noise density
(G=24)
f=10 Hz
5
20
100
fA//Hz
6)
en p_p
voltage noise, peak (G=24)
0 to 100 Hz
2
3
5
µV
6)
0 to 10 Hz
0.5
1
1.5
µV
6)
en_RMS
voltage noise, RMS (G=24) 1000 Hz
1.5
2
µV
SNR
signal to noise (G=24,
G4.8)
room temperature
90
100
dBmin
SDR
signal to distortion (G24,
G4.8)
room temperature
80
100
dBmin
CCI
chanel to chanel insulation
room temperature
-70
-90
dBmax
PSRR
power supply rejection ratio 4.9 to 5.1 V
-50
-60
dBmax
Notes:
1)
at room temperature / corresponding calibration factors are stored within the ZZR-register
2
) whatever is lower. Maximum limits for gains 50 and 100 are derived from device characterization and are not tested.
3)
this value measured in raw mode at room temperature and at 60°C. Maximum limits over temperature range are derived from device characterization.
4)
TC variations are included in the above given maximum limit of linearity error. Max value is derived from device characterization and not tested
5)
Leakage current is specified for all gain settings (except G1) for positive input voltages below 200 mV. Test is done at different input voltages with
subsequent extrapolation for 200mV. In the temperature range 85-125°C it may be as high as 5 nA at the upper limit. In normal operation a
temperature independent digital offset of -0.7 digits is present due to internal rounding.
6)
This parameter is not measured directly. It is measured indirectly via gain measurement of the whole path at room temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com