Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8501 Datasheet(PDF) 20 Page - ams AG

Part # AS8501
Description  High precision voltage and current measurement sensor interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8501 Datasheet(HTML) 20 Page - ams AG

Back Button AS8501 Datasheet HTML 16Page - ams AG AS8501 Datasheet HTML 17Page - ams AG AS8501 Datasheet HTML 18Page - ams AG AS8501 Datasheet HTML 19Page - ams AG AS8501 Datasheet HTML 20Page - ams AG AS8501 Datasheet HTML 21Page - ams AG AS8501 Datasheet HTML 22Page - ams AG AS8501 Datasheet HTML 23Page - ams AG AS8501 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
AS8501 - Preliminary Data Sheet
austriamicrosystems
Revision 1.1, 04-April-06
www.austriamicrosystems.com
Page 20 of 40
7.5.5
ZZR Zener-Zap register (188 bits )
Nr.
ZZR bits
183-187
163-182
53-162
0-52
NOTE
0
ZLO
ZTR
ZCL
ZTC1)
2)
Notes:
1)
5 bits are reserved for:
- 1 bit eventually destroyed during testing,
- 2 bits for testing programmed 0 and 1
- 2 bits reserved for locking
2)
due to a limited driving capability of the ZZR-cells the maximum reading speed is limited to 500 kHz
subregister ZLO: Zener spare bits ( 5 bits )
Nr.
Name
SYMBOL
WORD WIDTH
Default Hex
1
Reserved bits
ZLO
5
F
subregister ZTR: trimming bits (20 bits)
Nr.
PARAMETER
SYMBOL
WORD
WIDTH
Default
Dec1)
UNIT
NOTE
0
TC of reference
TRIMBTC
5
0
Bits
1
absolute value of reference
TRIMBV
5
0
Bits
2
amplifier offset
TRIMA
5
0
Bits
3
current source for external
temperature
TRIMC
5
0
Bits
4
∑ trim bits
TRIMREG
20
Bits
Notes:
1)
Default values must be written before start of the test
subregister ZCL: calibration bits ( 110 bits )
Nr.
PARAMETER
SYMBOL
WORD
WIDTH
Default
Dec3)
UNIT
NOTE
0
Calibration G=6, I
CGI1
11
1548
Bits
1),4)
1
Calibration G=24, I
CGI2
11
1548
Bits
1),4)
2
Calibration G=50, I
CGI3
11
1548
Bits
1),4)
3
Calibration G=100, I
CGI4
11
1548
Bits
1),4)
4
Calibration U0
CAU0
11
1548
Bits
1),4)
5
Calibration U1
CAU1
11
1548
Bits
1),4)
6
Calibration U2
CAU2
11
1548
Bits
1),4)
7
Calibration U3
CAU3
11
1548
Bits
1),4)
8
Calibration U4
CAU4
11
1548
Bits
1),4)
9
Calibration U5
CAU5
11
1548
Bits
2),4)
10
∑ cal. Bits
ZCL
110
Bits
Notes:
1)
Decimal default value of the calibration constant for voltage and current is calculated
using formula: CGdef=Nmax/NADdef=(Vref*1024)/(Vin*Gmax)=1548
2)
Default calibration constant for absolute value of the voltage proportional to absolute
temperature is the same as for any other range because it uses the same amplifier and
max voltage at max. temperature is approx. 150mV and the gain selected must be g0.
3)
Default values must be written before start of the test
4)
Calibration constants are selected dependent on state of M1 ( see table below). For M1=1 one of
CGI1 to CGI4 is selected according to selected gain of amplifier. For M1=0 the selection of the
calibration constants is defined by bits (cu2,cu1,cu0), which are part of CRA and CRB registers and
are defined via SDI interface independently of any other selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com