Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8501 Datasheet(PDF) 37 Page - ams AG

Part # AS8501
Description  High precision voltage and current measurement sensor interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8501 Datasheet(HTML) 37 Page - ams AG

Back Button AS8501 Datasheet HTML 32Page - ams AG AS8501 Datasheet HTML 33Page - ams AG AS8501 Datasheet HTML 34Page - ams AG AS8501 Datasheet HTML 35Page - ams AG AS8501 Datasheet HTML 36Page - ams AG AS8501 Datasheet HTML 37Page - ams AG AS8501 Datasheet HTML 38Page - ams AG AS8501 Datasheet HTML 39Page - ams AG AS8501 Datasheet HTML 40Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
AS8501 - Preliminary Data Sheet
austriamicrosystems
Revision 1.1, 04-April-06
www.austriamicrosystems.com
Page 37 of 40
IHM-A-1500
parameters: gain24, sampling rate 125 Hz
-20
-15
-10
-5
0
5
10
15
20
02,5
57,5
10
time in sec
Figure 21: Noise at 125 Hz sampling rate, gain 24
-5,0
-2,5
0,0
2,5
5,0
-50
-25
0
25
50
75
100
125
temperature deg C
change in %
G6
G24
G50
G100
Figure 20: Typical output as function of temperature for all gains
-2,0
-1,5
-1,0
-0,5
0,0
0,5
1,0
1,5
2,0
-50
-25
0
25
50
75
100
125
temperature deg C
change in %
G6
G24
Figure 19: Typical output as function of temperature for gains 6 and 24
IHM-A-1500
temperature dependence of reference voltage
-0,4
-0,2
0,0
0,2
0,4
-40
-20
0
20
40
60
80
100
120
temperature in °C
original
Figure 23: temperature dependence of internal reference
voltage (not trimmed)
IHM-A-1500
300A, G24, AV1, OSF 2.048, OSR 128
-2500
-2000
-1500
-1000
-500
0
500
1000
1500
2000
2500
0
1020
3040
50
measurement no.
AC input frequency 100
Hz
Figure 22: Real time AC measurement at 100 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com