Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8590GEDS/V Datasheet(PDF) 36 Page - Wolfson Microelectronics plc

Part # WM8590GEDS/V
Description  24-bit, 192kHz Stereo CODEC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8590GEDS/V Datasheet(HTML) 36 Page - Wolfson Microelectronics plc

Back Button WM8590GEDS/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8590GEDS/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM8590GEDS/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM8590GEDS/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM8590GEDS/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM8590GEDS/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM8590GEDS/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM8590GEDS/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM8590GEDS/V Datasheet HTML 40Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
WM8590
Pre-Production
w
PP Rev 3.3 September 2005
36
MAXIMUM GAIN (ALC ONLY) AND MAXIMUM ATTENUATION
To prevent low level signals being amplified too much by the ALC, the MAXGAIN register sets the
upper limit for the gain. This prevents low level noise being over-amplified. The MAXGAIN register
has no effect on the limiter operation.
The MAXATTEN register sets a limit for the amount of attenuation below the static gain level that the
limiter can apply. The MAXATTEN register has no effect in ALC mode.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16 (10h)
0010000
ALC Control 1
6:4
MAXGAIN
111
(+24dB)
Set Maximum Gain for the PGA (ALC
only):
111 : +24dB
110 : +20dB
…..(-4dB steps)
010 : +4dB
001 : 0dB
000 : 0dB
Maximum Attenuation of PGA (Limiter
only)
Limiter (attenuation below static)
0000 to 0011
-3dB
0100
-4dB
….
(-1dB steps)
1110
-14dB
R20 (14h)
0010100
Limiter Control
3:0
MAXATTEN
0110
(-6dB)
1111
-15dB
When disabled, the last gain level programmed by the ALC/Limiter will remain stored in the input
PGAs. The desired fixed gain level must then be programmed manually via registers R14 and R15.
SOFTWARE REGISTER RESET
Writing any value to register 0010111 will cause a register reset, resetting all register bits to their
default values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com