Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8590GEDS/V Datasheet(PDF) 37 Page - Wolfson Microelectronics plc

Part # WM8590GEDS/V
Description  24-bit, 192kHz Stereo CODEC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8590GEDS/V Datasheet(HTML) 37 Page - Wolfson Microelectronics plc

Back Button WM8590GEDS/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM8590GEDS/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM8590GEDS/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM8590GEDS/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM8590GEDS/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM8590GEDS/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM8590GEDS/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM8590GEDS/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM8590GEDS/V Datasheet HTML 41Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 51 page
background image
Pre-Production
WM8590
w
PP Rev 3.3 September 2005
37
REGISTER MAP
The complete register map is shown below. The detailed description can be found in the relevant text of the device description. The
WM8590 can be configured using the Control Interface. All unused bits should be set to ‘0’.
REGISTER
B
15
B
14
B
13
B
12
B
11
B
10
B
9
B8
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
(HEX)
R3 (03h)
0
0
0
0
0
1
1 UPDATED
LDA[7:0]
0FF
R4 (04h)
0
0
0
0
1
0
0 UPDATED
RDA[7:0]
0FF
R5 (05h)
0
0
0
0
1
0
1 UPDATED
MDA[7:0]
0FF
R6 (06h)
0
0
0
0
1
1
0
0
0
0
0
0
0
0
PHASE[1:0]
000
R7 (07h)
0
0
0
0
1
1
1
0
PL[3:0]
TOD
IZD
ATC
DZCEN
090
R9 (09h)
0
0
0
1
0
0
1
0
0
0
0
ZFLAG
POL
DMUTE
DZFM [1:0]
DEEMPH
004
R10 (0Ah)
0
0
0
1
0
1
0
DACOSR
0
0
DACWL[1:0]
DACBCP
DACLRP
DACFMT[1:0]
022
R11 (0Bh)
0
0
0
1
0
1
1
ADCHPD DACSYNCEN ADCMCLKINV
ADCWL[1:0]
ADCBCP
ADCLRP
ADCFMT[1:0]
022
R12 (0Ch)
0
0
0
1
1
0
0
ADCMS
DACMS
DACRATE[2:0]
ADCOSR
ADCRATE[2:0]
122
R13 (0Dh)
0
0
0
1
1
0
1
0
0
0
0
0
0
DACPD
ADCPD
PDWN
000
R14 (0Eh)
0
0
0
1
1
1
0
ZCLA
LAG[7:0]
0CF
R15 (0Fh)
0
0
0
1
1
1
1
ZCRA
RAG[7:0]
0CF
R16 (10h)
0
0
1
0
0
0
0
LCSEL[1:0]
MAXGAIN[2:0]
LCT[3:0]
1FE
R17 (11h)
0
0
1
0
0
0
1
LCMODE
ALCZC
0
0
0
0
0
0
0
180
R18 (12h)
0
0
1
0
0
1
1
0
DCY[3:0]
ATK[3:0]
092
R20 (14h)
0
0
1
0
1
0
0
0
0
0
0
0
MAXATTEN[3:0]
006
R21 (15h)
0
0
1
0
1
0
1
LRBOTH
0
0
0
0
ZCSCRL ZCSCRR MUTELA MUTERA
000
R23 (17h)
0
0
1
0
1
1
1
SOFTWARE RESET
not reset
R28 (1Ch)
0
0
1
1
1
0
0 DACMCLK2ADC DACMCLKX2 DACMCLKINV DCMCLKX2 DCMCLK2DAC
BCLK_RATE
0
ADCSYNCEN
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com