Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8590GEDS/V Datasheet(PDF) 26 Page - Wolfson Microelectronics plc

Part # WM8590GEDS/V
Description  24-bit, 192kHz Stereo CODEC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8590GEDS/V Datasheet(HTML) 26 Page - Wolfson Microelectronics plc

Back Button WM8590GEDS/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8590GEDS/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8590GEDS/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8590GEDS/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8590GEDS/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8590GEDS/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8590GEDS/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8590GEDS/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8590GEDS/V Datasheet HTML 30Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 51 page
background image
WM8590
Pre-Production
w
PP Rev 3.3 September 2005
26
DAC OVERSAMPLING RATE SELECT
Control bit DACOSR allows the user to select the DAC internal signal processing oversampling rate.
Operation is described in Table 5 and Table 6.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R10 (0Ah)
0001010
DAC Oversampling Rate
8
DACOSR
0
DAC Oversampling Rate Select
0: 128x oversampling
1: 64x oversampling
MUTE MODES
Setting MUTE for the DAC will apply a ‘soft’ mute to the input of the digital filters of the channel
muted.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R9 (09h)
0001001
DAC Mute
3
DMUTE
0
DAC Soft Mute Select
0 : Normal Operation
1: Soft mute enabled
Figure 20 Application and Release of Soft Mute
Figure 20 shows the application and release of DMUTE whilst a full amplitude sinusoid is being
played at 48kHz sampling rate. When DMUTE (lower trace) is asserted, the output (upper trace)
begins to decay exponentially from the DC level of the last input sample. The output will decay
towards VMID with a time constant of approximately 64 input samples. If DMUTE is applied to both
channels for 1024 or more input samples the DAC will be muted if IZD is set. When DMUTE is de-
asserted, the output will restart immediately from the current input sample.
Note that all other means of muting the DAC: setting the PL[3:0] bits to 0, setting the PDWN bit or
setting attenuation to 0 will cause much more abrupt muting of the output.
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
0
0.001
0.002
0.003
0.004
0.005
0.006
Time(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com