Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8590GEDS/V Datasheet(PDF) 38 Page - Wolfson Microelectronics plc

Part # WM8590GEDS/V
Description  24-bit, 192kHz Stereo CODEC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8590GEDS/V Datasheet(HTML) 38 Page - Wolfson Microelectronics plc

Back Button WM8590GEDS/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM8590GEDS/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM8590GEDS/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM8590GEDS/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM8590GEDS/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM8590GEDS/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM8590GEDS/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM8590GEDS/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8590GEDS/V Datasheet HTML 42Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 51 page
background image
WM8590
Pre-Production
w
PP Rev 3.3 September 2005
38
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7:0
LDA[7:0]
11111111
(0dB)
Digital Attenuation Data for Left Channel DACL in 0.5dB Steps
R3 (03h)
0000011
Digital
Attenuation
DACL
8
UPDATED
Not latched
Controls Simultaneous Update of all Attenuation Latches:
0: Store LDA1 in intermediate latch (no change to output)
1: Store LDA1 and update attenuation on all channels
7:0
RDA[6:0]
11111111
(0dB)
Digital Attenuation Data for Right Channel DACR in 0.5dB Steps
R4 (04h)
0000100
Digital
Attenuation
DACR
8
UPDATED
Not latched
Controls Simultaneous Update of all Attenuation Latches:
0: Store RDA1 in intermediate latch (no change to output)
1: Store RDA1 and update attenuation on all channels
7:0
MDA[7:0]
11111111
(0dB)
Digital Attenuation Data for all DAC Channels in 0.5dB Steps
R5 (05h)
0000101
Master
Digital
Attenuation
(All Channels)
8
UPDATED
Not latched
Controls Simultaneous Update of all Attenuation Latches:
0: Store gain in intermediate latch (no change to output)
1: Store gain and update attenuation on all channels
R6 (06h)
0000110
Phase Swaps
1:0
PHASE
00
Controls Phase of DAC Outputs (LEFT, RIGHT Channel):
0: Sets non inverted output phase
1: inverts phase of DAC output
0
DZCEN
0
DAC Digital Volume Zero Cross Enable:
0: Zero Cross detect disabled
1: Zero Cross detect enabled
1
ATC
0
Attenuator Control:
0: All DACs use attenuations as programmed
1: Right DAC uses left DAC attenuations
2
IZD
0
Infinite Zero Detection Circuit Control and Automute Control:
0: Infinite zero detect automute disabled
1: Infinite zero detect automute enabled
3
TOD
0
DAC and ADC Analogue Zero Cross Detect Timeout Disable:
0 : Timeout enabled
1: Timeout disabled
DAC Output Control
PL[3:0]
Left
Output
Right
Output
PL[3:0]
Left
Output
Right
Output
0000
Mute
Mute
1000
Mute
Right
0001
Left
Mute
1001
Left
Right
0010
Right
Mute
1010
Right
Right
0011
(L+R)/2
Mute
1011
(L+R)/2
Right
0100
Mute
Left
1100
Mute
(L+R)/2
0101
Left
Left
1101
Left
(L+R)/2
0110
Right
Left
1110
Right
(L+R)/2
R7 (07h)
0000111
DAC Control
7:4
PL[3:0]
1001
0111
(L+R)/2
Left
1111
(L+R)/2
(L+R)/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com