Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8785GEDS/V Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM8785GEDS/V
Description  24-Bit, 192kHz Stereo ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8785GEDS/V Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM8785GEDS/V Datasheet HTML 4Page - Wolfson Microelectronics plc WM8785GEDS/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM8785GEDS/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8785GEDS/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8785GEDS/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8785GEDS/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8785GEDS/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8785GEDS/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8785GEDS/V Datasheet HTML 12Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
WM8785
Pre-Production
w
PP Rev 3.0 December 2005
8
SIGNAL TIMING REQUIREMENTS
SYSTEM CLOCK TIMING
Figure 1 System Clock Timing Requirements
Test Conditions
DVDD = 3.3V, DGND = 0V, TA = +25
oC, Slave Mode, fs = 48kHz, MCLK = 256fs, 24-bit data, unless otherwise stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
System Clock Timing Information
MCLK System clock cycle time
TMCLKY
25
ns
MCLK duty cycle
TMCLKDS
60:40
40:60
AUDIO INTERFACE TIMING – MASTER MODE, PCM DATA
Figure 2 Digital Audio Data Timing – Master Mode (see Control Interface)
Test Conditions
DVDD = 3.3V, DGND = 0V, TA = +25
oC, Master Mode, fs = 48kHz, MCLK = 256fs, 24-bit data, unless otherwise stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Audio Data Input Timing Information
LRCLK propagation delay from BCLK falling edge
tDL
0
10
ns
DOUT propagation delay from BCLK falling edge
tDDA
0
11
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com