Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8785GEDS/V Datasheet(PDF) 27 Page - Wolfson Microelectronics plc

Part # WM8785GEDS/V
Description  24-Bit, 192kHz Stereo ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8785GEDS/V Datasheet(HTML) 27 Page - Wolfson Microelectronics plc

Back Button WM8785GEDS/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8785GEDS/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8785GEDS/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8785GEDS/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8785GEDS/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8785GEDS/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8785GEDS/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8785GEDS/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8785GEDS/V Datasheet HTML 31Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
Pre-Production
WM8785
w
PP Rev 3.0 December 2005
27
MASTER CLOCK FREQUENCY (MHZ)
SAMPLING RATE
(LRCLK)
OVERSAMPLING
RATIO
128fs
192fs
256fs
384fs
512fs
768fs
32kHz
Single Rate
-
-
8.192
12.288
16.384
24.576
44.1kHz
Single Rate
-
-
11.2896
16.9344
22.5792
33.8688
48kHz
Single Rate
-
-
12.288
18.432
24.576
36.864
96kHz
Dual Rate
-
-
24.576
36.864
-
-
192kHz
Quad Rate
24.576
36.864
-
-
-
-
Table 12 Slave Mode: Recommended Master Clock Frequency Selection
MLCK AND LRCLK PHASE RELATIONSHIP
The WM8785 does not require a specific phase relationship between MLCK and LRCLK. If the
relationship between MCLK and LRCLK changes by more than +/-8 BCLKs in a 64 BLCK frame, the
WM8785 will attempt to re-synchronise. During re-synchronisation, data samples may be dropped or
duplicated.
POWER DOWN CONTROL
The WM8785 can be powered down by setting the PWRDNL and PWRDNR bits. This is described in
the table below.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3
PWRDNR
0
Power Down Right Channel
0 = Power On
1 = Power Off
R2(02h)
Signal control
4
PWRDNL
0
Power Down Left Channel
0 = Power On
1 = Power Off
Table 13 Power Down Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com