Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8785GEDS/V Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM8785GEDS/V
Description  24-Bit, 192kHz Stereo ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8785GEDS/V Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM8785GEDS/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8785GEDS/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8785GEDS/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8785GEDS/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8785GEDS/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8785GEDS/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8785GEDS/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8785GEDS/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8785GEDS/V Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
WM8785
Pre-Production
w
PP Rev 3.0 December 2005
16
DEVICE DESCRIPTION
INTRODUCTION
The WM8785 is a high performance stereo audio ADC designed for demanding recording
applications such as DVD recorders, studio mixers, PVRs, and AV amplifiers. The WM8785 consists
of stereo line level inputs, followed by a sigma-delta modulator and digital filtering.
The WM8785 uses a multi-bit high-order oversampling architecture delivering high SNR operating at
oversampling ratios from 128fs to 32fs according to the sample rate. Sample rates from 8kHz to
192kHz are supported. The WM8785 supports master clock rates from 128fs to 768fs.
The digital filter is a high performance linear phase FIR filter. The digital filters are optimised for each
sample rate. Also included is a selectable high pass filter to remove residual DC offsets from the
input signal.
The output from the ADC is available on a configurable digital audio interface. It supports a number
of audio data formats including I
2S, Left justified and Right justified or DSP, and can operate in
master or slave modes.
The WM8785 can be controlled through a 2 wire or 3 wire MPU control interface. It is fully compatible
and an ideal partner for a range of industry standard microprocessors, controllers and DSPs. A TDM
bus is supported for multiplexing data output.
The WM8785 can be powered down under software control to reduce system power consumption.
DIGITAL AUDIO INTERFACE
The digital audio interface uses three pins:
•
DOUT: ADC data output
•
LRCLK: ADC data alignment clock
•
BCLK: Bit clock, for synchronisation
The digital audio interface takes the data from the internal ADC digital filters and places it on DOUT
and LRCLK. DOUT is the formatted digital audio data stream output from the ADC digital filters with
left and right channels multiplexed together. LRCLK is an alignment clock that controls whether Left
or Right channel data is present on the DOUT line. DOUT and LRCLK are synchronous with the
BCLK signal with each data bit transition signified by a BCLK high to low transition. DOUT is always
an output. BCLK and LRCLK maybe inputs or outputs depending whether the device is in Master or
Slave mode, (see Master and Slave Mode Operation, below).
Four different audio data formats are supported:
•
Left justified
•
Right justified
•
I
2S
•
DSP
They are described in Audio Data Formats, below. Refer to the Electrical Characteristic section for
timing information.
MASTER AND SLAVE MODE OPERATION
The WM8785 can be configured as either a master or slave mode device. As a master device the
WM8785 generates BCLK and LRCLK and thus controls sequencing of the data transfer on DOUT.
In slave mode, the WM8785 responds with data to clocks it receives over the digital audio interface.
The mode can be selected by setting MCR=000 (see Table below). Master and slave modes are
illustrated below.
Figure 17a Master Mode
Figure 17b Slave Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com