Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8785GEDS/V Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8785GEDS/V
Description  24-Bit, 192kHz Stereo ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8785GEDS/V Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8785GEDS/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8785GEDS/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8785GEDS/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8785GEDS/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8785GEDS/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8785GEDS/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8785GEDS/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8785GEDS/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8785GEDS/V Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
WM8785
Pre-Production
w
PP Rev 3.0 December 2005
10
CONTROL INTERFACE TIMING – 2-WIRE MODE
SDIN
SCLK
t
3
t
1
t
6
t
2
t
7
t
5
t
4
t
3
t
8
t
9
Figure 5 Control Interface Timing – 2-Wire Serial Control Mode
Test Conditions
DVDD = 3.3V, DVDD = 3.3V, DGND = 0V, TA = +25
oC, Slave Mode, fs = 48kHz, MCLK = 256fs, 24-bit data, unless otherwise
stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Program Register Input Information
SCLK Frequency
0
5
MHz
SCLK Low Pulse-Width
t1
80
ns
SCLK High Pulse-Width
t2
80
us
Hold Time (Start Condition)
t3
600
ns
Setup Time (Start Condition)
t4
600
ns
Data Setup Time
t5
100
ns
SDIN, SCLK Rise Time
t6
300
ns
SDIN, SCLK Fall Time
t7
300
ns
Setup Time (Stop Condition)
t8
600
ns
Data Hold Time
t9
900
ns
Pulse width of spikes that will be suppressed
tps
4
6
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com