Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOM40MR032 Datasheet(PDF) 10 Page - Hanbit Electronics Co.,Ltd

Part # DOM40MR032
Description  40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM40MR032 Datasheet(HTML) 10 Page - Hanbit Electronics Co.,Ltd

Back Button DOM40MR032 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd DOM40MR032 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd DOM40MR032 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd DOM40MR032 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd DOM40MR032 Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd DOM40MR032 Datasheet HTML 11Page - Hanbit Electronics Co.,Ltd DOM40MR032 Datasheet HTML 12Page - Hanbit Electronics Co.,Ltd DOM40MR032 Datasheet HTML 13Page - Hanbit Electronics Co.,Ltd DOM40MR032 Datasheet HTML 14Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
HANBit
HFDOM40MRxxx
URL:www.hbe.co.kr
10 / 10
HANBit Electronics Co., Ltd.
Rev. 1.0 (November. 2003)
Card Address Register
This register is provided for compatibility with the AT disk drive interface. It is recommended that this
register not be mapped into the host’s I/O space because of potential conflicts on Bit 7. The bits are defined
as follows:
D7
D6
D5
D4
D3
D2
D1
D0
X
-WTG
-HS3
-HS2
-HS1
-HS0
-nDS1
-nDS0
Bit 7: This bit is reserved.
Implementation Note:
Conflicts may occur on the host data bus when this bit is provided by a Floppy Disk Controller
operating at the same addresses as the CompactFlash Storage Card. Following are some possible
solutions to this problem for the PCMCIA implementation:
1) Locate the CompactFlash Storage Card at a non-conflicting address, i.e. Secondary address (377)
or in an independently decoded Address Space when a Floppy Disk Controller is located at the
Primary addresses.
2) Do not install a Floppy and a CompactFlash Storage Card in the system at the same time.
3) Implement a socket adapter which can be programmed to (conditionally) tri-state D7 of I/0 address
3F7h/377h when a CompactFlash Storage Card is installed and conversely to tri-state
D6-D0 of I/O addresses 3F7h/377h when a floppy controller is installed.
4) Do not use the CompactFlash Storage Card’s Drive Address register. This may be accomplished
by either a) If possible, program the host adapter to enable only I/O addresses 1F0h-1F7h, 3F6h (or
170h-177h, 176h) to the CompactFlash Storage Card or b) if provided use an additional Primary /
Secondary configuration in the CompactFlash Storage Card which does not respond to accesses to
I/O locations 3F7h and 377h. With either of these implementations, the host software must not
attempt to use information in the Drive Address Register.
Bit 6 (-WTG): This bit is 0 when a write operation is in progress, otherwise, it is 1.
Bit 5 (-HS3): This bit is the negation of bit 3 in the Drive/Head register.
Bit 4 (-HS2): This bit is the negation of bit 2 in the Drive/Head register.
Bit 3 (-HS1): This bit is the negation of bit 1 in the Drive/Head register.
Bit 2 (-HS0): This bit is the negation of bit 0 in the Drive/Head register.
Bit 1 (-nDS1): This bit is 0 when drive 1 is active and selected.
Bit 0 (-nDS0): This bit is 0 when the drive 0 is active and selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com