Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOM40MR032 Datasheet(PDF) 4 Page - Hanbit Electronics Co.,Ltd

Part # DOM40MR032
Description  40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM40MR032 Datasheet(HTML) 4 Page - Hanbit Electronics Co.,Ltd

  DOM40MR032 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd DOM40MR032 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd DOM40MR032 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd DOM40MR032 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd DOM40MR032 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd DOM40MR032 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd DOM40MR032 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd DOM40MR032 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd DOM40MR032 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
HANBit
HFDOM40MRxxx
URL:www.hbe.co.kr
4 / 4
HANBit Electronics Co., Ltd.
Rev. 1.0 (November. 2003)
for all the new partitions you have created.
⑧
After you format your drive, it is ready to use.
2. PIN INFORMATION
PIN ASSIGNMENTS AND PIN TYPE
Table 2.1 Pin Assignment and Pin type
Pin
Signal
Pin Type
Pin
Signal
Pin Type
1
/RESET
I
2
GND
Ground
3
D07
I/O
4
D08
I/O
5
D06
I/O
6
D09
I/O
7
D05
I/O
8
D10
I/O
9
D04
I/O
10
D11
I/O
11
D03
I/O
12
D12
I/O
13
D02
I/O
14
D13
I/O
15
D01
I/O
16
D14
I/O
17
D00
I/O
18
D15
I/O
19
GND
DC
20
Key Pin
--
21
INPACK
--
22
GND
Ground
23
/IOW
I
24
GND
Ground
25
/IOR
I
26
GND
Ground
27
IORDY
O
28
Reserved
--
29
REG
--
30
GND
Ground
31
IRQ
O
32
/IOIS16
O
33
A01
I
34
/PDIAG
I/O
35
A00
I
36
A02
I
37
/CS0
I
38
/CS1
I
39
/DASP
I/O
40
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com