Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOM40MR032 Datasheet(PDF) 15 Page - Hanbit Electronics Co.,Ltd

Part # DOM40MR032
Description  40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM40MR032 Datasheet(HTML) 15 Page - Hanbit Electronics Co.,Ltd

Back Button DOM40MR032 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd DOM40MR032 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd DOM40MR032 Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd DOM40MR032 Datasheet HTML 11Page - Hanbit Electronics Co.,Ltd DOM40MR032 Datasheet HTML 12Page - Hanbit Electronics Co.,Ltd DOM40MR032 Datasheet HTML 13Page - Hanbit Electronics Co.,Ltd DOM40MR032 Datasheet HTML 14Page - Hanbit Electronics Co.,Ltd DOM40MR032 Datasheet HTML 15Page - Hanbit Electronics Co.,Ltd DOM40MR032 Datasheet HTML 16Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
HANBit
HFDOM40MRxxx
URL:www.hbe.co.kr
15 / 15
HANBit Electronics Co., Ltd.
Rev. 1.0 (November. 2003)
Ordering Infomation
NO
Parts
Capacity
Media transfer
mode
Chip Number
Operation
Mode
1
DOM40MR016
16Mbyte
BYTE
1
True IDE
2
DOM40MR032
32Mbyte
BYTE
1
True IDE
3
DOM40MR064
64Mbyte
BYTE
1
True IDE
4
DOM40MR128
128Mbyte
BYTE
1
True IDE
5
DOM40MR256
256Mbyte
BYTE
1
True IDE
6
DOM40MR512
512Mbyte
BYTE
4
True IDE
7
DOM40MR16
1Gbyte
BYTE
4
True IDE
8
DOM40MR16
1Gbyte
BYTE
4
True IDE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com