Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOM40MR032 Datasheet(PDF) 11 Page - Hanbit Electronics Co.,Ltd

Part # DOM40MR032
Description  40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM40MR032 Datasheet(HTML) 11 Page - Hanbit Electronics Co.,Ltd

Back Button DOM40MR032 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd DOM40MR032 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd DOM40MR032 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd DOM40MR032 Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd DOM40MR032 Datasheet HTML 11Page - Hanbit Electronics Co.,Ltd DOM40MR032 Datasheet HTML 12Page - Hanbit Electronics Co.,Ltd DOM40MR032 Datasheet HTML 13Page - Hanbit Electronics Co.,Ltd DOM40MR032 Datasheet HTML 14Page - Hanbit Electronics Co.,Ltd DOM40MR032 Datasheet HTML 15Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
HANBit
HFDOM40MRxxx
URL:www.hbe.co.kr
11 / 11
HANBit Electronics Co., Ltd.
Rev. 1.0 (November. 2003)
Data Register
The Data Register is a 16-bit register, and it is used to transfer data blocks between the CompactFlash
Storage Card data buffer and the Host. This register overlaps the Error Register. The table below describes
the combinations of data register access and is provided to assist in understanding the overlapped Data
Register and Error/Feature Register rather than to attempt to define general PCMCIA word and byte
access modes and operations. See the PCMCIA PC Card Standard Release 2.0 for definitions of the Card
Accessing Modes for I/O and Memory cycles.
15
14
13
12
11
10
9
8
Data (15:8)
7
6
5
4
3
2
1
0
Data (7:0)
Feature Register
This register provides information regarding features of the CompactFlash Storage Card that the
host can utilize. This register is also accessed on data bits D15-D8 during a write operation to
Offset 0 with -CE2 low and -CE1 high.
7
6
5
4
3
2
1
0
Command specific
Sector Count Register
This register contains the numbers of sectors of data requested to be transferred on a read or write
operation between the host and the CompactFlash Storage Card. If the value in this register is zero, a
count of 256 sectors is specified. If the command was successful, this register is zero at command
completion. If not successfully completed, the register contains the number of sectors that need to be
transferred in order to complete the request.
7
6
5
4
3
2
1
0
Sector Count



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com