Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDRS14T175XYE Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VDRS14T175XYE
Description  VDR Metal Oxide Varistors Standard
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VDRS14T175XYE Datasheet(HTML) 4 Page - Vishay Siliconix

  VDRS14T175XYE Datasheet HTML 1Page - Vishay Siliconix VDRS14T175XYE Datasheet HTML 2Page - Vishay Siliconix VDRS14T175XYE Datasheet HTML 3Page - Vishay Siliconix VDRS14T175XYE Datasheet HTML 4Page - Vishay Siliconix VDRS14T175XYE Datasheet HTML 5Page - Vishay Siliconix VDRS14T175XYE Datasheet HTML 6Page - Vishay Siliconix VDRS14T175XYE Datasheet HTML 7Page - Vishay Siliconix VDRS14T175XYE Datasheet HTML 8Page - Vishay Siliconix VDRS14T175XYE Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
VDRS Series
www.vishay.com
Vishay BCcomponents
Revision: 18-Oct-2021
4
Document Number: 29081
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) The products are certified according to cULus (E332800), and VDE/IEC (40002622). See Agency Approval section for certificate download
(2) The sinusoidal voltage is assumed as the normal operating condition. If a non-sinusoidal voltage is present, type selection should be based on
multiplying the peak voltage by a factor of 0.707.
(3) The voltage measured at 1 mA meets the requirements of IEC 61051.
The tolerance on the voltage at 1 mA is ± 10 %.
(4) High energy surges are generally of longer duration. The maximum energy for one pulse of 10 x 1000 μs is given as a reference for longer
duration pulses. This pulse can be characterized by peak current (Ip) and pulse width t2 (virtual time of half Ip value, following IEC 60060-2,
section 6 ). If Vp is the clamping voltage corresponding to Ip, the energy absorbed in the varistor is determined by the formula:
where K is dependent on the value of t2 when the value of t1 is between 8 μs and 10 μs (see Peak Current as a Function of Pulse Width
drawing)
(5) A current wave of 8 x 20 μs is used as a standard for pulse current and clamping voltage ratings. The maximum non-repetitive transient current
is given for one pulse applied during the life of the component.
(6) For composition of the SAP part number:
Replace “x” by
B for bulk type
Replace “y” by S
for straight leads
T for tape and reel
F
for straight leads with flange (bulk only)
A for tape and ammopack
G
for straight leads with flange and H0 = 16 mm (tape and reel/ammo)
H
for straight leads with flange and H0 = 18.25 mm (tape and reel/ammo)
K
for kinked leads (bulk only)
L
for kinked leads with H0 = 16 mm (tape and reel/ammo)
M for kinked leads with H0 = 18.25 mm (tape and reel/ammo)
(7) All varistors are UL 1449 edition 4 recognized as SPD type 5 (component level) for operating temperatures up to 85 °C. The varistors may be
used in other SPD types as 2, 3, or 4 depending on the indicated IN nominal discharge current ratings. The final acceptance of the component
is dependent upon its installation and use in complete equipment submitted to underwriters laboratories Inc.
420
560
680
1120
5.0
20.0
400
0.10
35
6.1
3.2 ± 0.8 VDRS05C420xyE
1120 10.0
56.0
1200
0.50
85
6.1
3.2 ± 0.8 VDRS07H420xyE
1120 25.0
73.0
2500
1.50
165
6.6
3.4 ± 0.8 VDRS10P420xyE
1120 50.0
120.0
4500
3.00
250
6.6
3.4 ± 0.8 VDRS14T420xyE
1120 100.0
344.0
6500
3.00
510
8.1
3.7 ± 0.8 VDRS20W420ByE
460
615
750
1240
5.0
21.0
400
0.10
30
6.4
3.6 ± 0.8 VDRS05C460xyE
1240 10.0
63.0
1200
0.50
75
6.4
3.6 ± 0.8 VDRS07H460xyE
1240 25.0
82.0
2500
1.50
150
6.8
3.8 ± 0.8 VDRS10P460xyE
1240 50.0
135.0
4500
3.00
225
6.8
3.8 ± 0.8 VDRS14T460xyE
1240 100.0
360.0
6500
3.00
460
8.5
4.1 ± 0.8 VDRS20W460ByE
510
670
820
1355 25.0
89.0
2500
1.50
135
7.2
4.1 ± 0.8 VDRS10P510xyE
1355 50.0
145.0
4500
3.00
220
7.2
4.1 ± 0.8 VDRS14T510xyE
1355 100.0
376.0
6500
3.00
450
8.9
4.4 ± 0.8 VDRS20W510ByE
550
745
910
1500 25.0
98.0
2500
1.50
120
7.9
4.5 ± 0.8 VDRS10P550xyE
1500 50.0
160.0
4500
3.00
180
7.9
4.5 ± 0.8 VDRS14T550xyE
1500 100.0
408.0
6500
3.00
370
9.5
4.9 ± 0.8 VDRS20W550ByE
625
825
1000
1650 100.0
448.0
6500
3.00
320
10.1 5.3 ± 0.8 VDRS20W625ByE
680
895
1100
1815 100.0
496.0
6500
3.00
270
10.6 5.8 ± 0.8 VDRS20W680ByE
ELECTRICAL DATA AND ORDERING INFORMATION
MAXIMUM
CONTINUOUS
VOLTAGE
VOLTAGE (3)
AT 1 mA
MAXIMUM
VOLTAGE
AT
STATED
CURRENT
MAXIMUM
ENERGY (4)
(10 x 1000 μs)
MAXIMUM
NON-REP.
TRANSIENT
CURRENT (5)
INRP (8 x 20 μs)
NOMINAL
DISCHARGE
CURRENT (7)
IN
TYPICAL
CAPACITANCE
AT 1 kHz
T
(max.)
E
SAP MATERIAL
AND ORDERING
NUMBER (1)
xy (6)
RMS (2)
(V)
DC
(V)
(V)
V
(V)
I
(A)
(J)
(A)
(kA)
(pF)
(mm)
(mm)
EK x V
p x Ip x t2
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com