Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDRS14T175XYE Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VDRS14T175XYE
Description  VDR Metal Oxide Varistors Standard
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VDRS14T175XYE Datasheet(HTML) 2 Page - Vishay Siliconix

  VDRS14T175XYE Datasheet HTML 1Page - Vishay Siliconix VDRS14T175XYE Datasheet HTML 2Page - Vishay Siliconix VDRS14T175XYE Datasheet HTML 3Page - Vishay Siliconix VDRS14T175XYE Datasheet HTML 4Page - Vishay Siliconix VDRS14T175XYE Datasheet HTML 5Page - Vishay Siliconix VDRS14T175XYE Datasheet HTML 6Page - Vishay Siliconix VDRS14T175XYE Datasheet HTML 7Page - Vishay Siliconix VDRS14T175XYE Datasheet HTML 8Page - Vishay Siliconix VDRS14T175XYE Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
VDRS Series
www.vishay.com
Vishay BCcomponents
Revision: 18-Oct-2021
2
Document Number: 29081
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL DATA AND ORDERING INFORMATION
MAXIMUM
CONTINUOUS
VOLTAGE
VOLTAGE (3)
AT 1 mA
MAXIMUM
VOLTAGE
AT
STATED
CURRENT
MAXIMUM
ENERGY (4)
(10 x 1000 μs)
MAXIMUM
NON-REP.
TRANSIENT
CURRENT (5)
INRP (8 x 20 μs)
NOMINAL
DISCHARGE
CURRENT (7)
IN
TYPICAL
CAPACITANCE
AT 1 kHz
T
(max.)
E
SAP MATERIAL
AND ORDERING
NUMBER (1)
xy (6)
RMS (2)
(V)
DC
(V)
(V)
V
(V)
I
(A)
(J)
(A)
(kA)
(pF)
(mm)
(mm)
14
18
22
48
1.0
0.5
100
0.10
1300
4.1
0.7 ± 0.3 VDRS05A014xyE
43
2.5
1.7
250
0.15
2800
4.1
0.7 ± 0.3 VDRS07B014xyE
43
5.0
4.3
500
0.25
6000
4.4
0.9 ± 0.3 VDRS10D014xyE
43
10.0
5.4
1000
1.00
15 000
4.4
0.9 ± 0.3 VDRS14G014xyE
43
20.0
8.0
2000
2.00
30 000
4.6
1.1 ± 0.3 VDRS20M014ByE
17
22
27
60
1.0
0.7
100
0.10
1050
4.1
0.8 ± 0.3 VDRS05A017xyE
53
2.5
2.0
250
0.15
2000
4.1
0.8 ± 0.3 VDRS07B017xyE
53
5.0
5.3
500
0.25
4000
4.4
1.0 ± 0.3 VDRS10D017xyE
53
10.0
6.9
1000
1.00
10 000
4.4
1.0 ± 0.3 VDRS14G017xyE
53
20.0
10.0
2000
2.00
20 000
4.6
1.2 ± 0.3 VDRS20M017ByE
20
26
33
73
1.0
0.8
100
0.10
900
4.1
1.0 ± 0.3 VDRS05A020xyE
65
2.5
2.5
250
0.15
1500
4.1
1.0 ± 0.3 VDRS07B020xyE
65
5.0
6.5
500
0.25
3000
4.4
1.2 ± 0.3 VDRS10D020xyE
65
10.0
8.8
1000
1.00
7500
4.4
1.2 ± 0.3 VDRS14G020xyE
65
20.0
12.0
2000
2.00
15 000
4.8
1.4 ± 0.3 VDRS20M020ByE
25
31
39
86
1.0
0.9
100
0.10
500
4.2
1.2 ± 0.3 VDRS05A025xyE
77
2.5
3.0
250
0.15
1350
4.2
1.2 ± 0.3 VDRS07B025xyE
77
5.0
7.7
500
0.25
2600
4.6
1.4 ± 0.3 VDRS10D025xyE
77
10.0
9.4
1000
1.00
6500
4.6
1.4 ± 0.3 VDRS14G025xyE
77
20.0
14.0
2000
2.00
13 000
5.0
1.6 ± 0.3 VDRS20M025ByE
30
38
47
96
1.0
1.1
100
0.10
700
4.4
1.4 ± 0.5 VDRS05A030xyE
93
2.5
3.6
250
0.15
1600
4.4
1.4 ± 0.5 VDRS07B030xyE
93
5.0
9.2
500
0.25
2700
4.8
1.6 ± 0.5 VDRS10D030xyE
93
10.0
12.0
1000
1.00
6000
4.8
1.6 ± 0.5 VDRS14G030xyE
93
20.0
17.0
2000
2.00
12 000
5.2
1.8 ± 0.5 VDRS20M030ByE
35
45
56
123
1.0
1.4
100
0.10
560
4.8
1.7 ± 0.5 VDRS05A035xyE
110
2.5
4.4
250
0.15
1300
4.8
1.7 ± 0.5 VDRS07B035xyE
110
5.0
11.0
500
0.25
2200
5.2
1.9 ± 0.5 VDRS10D035xyE
110
10.0
14.0
1000
1.00
4800
5.2
1.9 ± 0.5 VDRS14G035xyE
110
20.0
20.0
2000
2.00
9600
5.6
2.1 ± 0.5 VDRS20M035ByE
40
56
68
145
1.0
1.6
100
0.10
460
5.1
2.1 ± 0.5 VDRS05A040xyE
135
2.5
5.2
250
0.15
1000
5.1
2.1 ± 0.5 VDRS07B040xyE
135
5.0
13.0
500
0.25
1800
5.5
2.3 ± 0.5 VDRS10D040xyE
135
10.0
17.0
1000
1.00
3800
5.5
2.3 ± 0.5 VDRS14G040xyE
135
20.0
24.0
2000
2.00
7600
5.9
2.5 ± 0.5 VDRS20M040ByE
50
65
82
145
5.0
2.6
400
0.10
370
4.1
0.6 ± 0.3 VDRS05C050xyE
140
10.0
7.0
1200
0.50
900
4.1
0.6 ± 0.3 VDRS07H050xyE
140
25.0
12.0
2500
1.50
1500
4.4
0.8 ± 0.3 VDRS10P050xyE
140
50.0
21.0
4500
3.00
3100
4.4
0.8 ± 0.3 VDRS14T050xyE
60
85
100
170
5.0
2.9
400
0.10
290
4.1
0.7 ± 0.3 VDRS05C060xyE
165
10.0
8.3
1200
0.50
700
4.1
0.7 ± 0.3 VDRS07H060xyE
165
25.0
15.0
2500
1.50
1200
4.4
0.9 ± 0.3 VDRS10P060xyE
165
50.0
24.0
4500
3.00
2300
4.4
0.9 ± 0.3 VDRS14T060xyE
165 100.0
56.0
6500
3.00
4700
4.5
1.1 ± 0.3 VDRS20W060ByE
75
100
120
210
5.0
3.4
400
0.10
240
4.1
0.9 ± 0.3 VDRS05C075xyE
200
10.0
10.0
1200
0.50
530
4.1
0.9 ± 0.3 VDRS07H075xyE
200
25.0
18.0
2500
1.50
1000
4.4
1.1 ± 0.3 VDRS10P075xyE
200
50.0
29.0
4500
3.00
1900
4.4
1.1 ± 0.3 VDRS14T075xyE
200 100.0
64.0
6500
3.00
3900
4.8
1.3 ± 0.3 VDRS20W075ByE
95
125
150
250
5.0
4.1
400
0.10
180
4.2
1.1 ± 0.3 VDRS05C095xyE
250
10.0
13.0
1200
0.50
450
4.2
1.1 ± 0.3 VDRS07H095xyE
250
25.0
22.0
2500
1.50
800
4.6
1.3 ± 0.3 VDRS10P095xyE
250
50.0
37.0
4500
3.00
1500
4.6
1.3 ± 0.3 VDRS14T095xyE
250 100.0
88.0
6500
3.00
3000
5.2
1.5 ± 0.3 VDRS20W095ByE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com