Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDRS14T175XYE Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VDRS14T175XYE
Description  VDR Metal Oxide Varistors Standard
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VDRS14T175XYE Datasheet(HTML) 1 Page - Vishay Siliconix

  VDRS14T175XYE Datasheet HTML 1Page - Vishay Siliconix VDRS14T175XYE Datasheet HTML 2Page - Vishay Siliconix VDRS14T175XYE Datasheet HTML 3Page - Vishay Siliconix VDRS14T175XYE Datasheet HTML 4Page - Vishay Siliconix VDRS14T175XYE Datasheet HTML 5Page - Vishay Siliconix VDRS14T175XYE Datasheet HTML 6Page - Vishay Siliconix VDRS14T175XYE Datasheet HTML 7Page - Vishay Siliconix VDRS14T175XYE Datasheet HTML 8Page - Vishay Siliconix VDRS14T175XYE Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
VDRS Series
www.vishay.com
Vishay BCcomponents
Revision: 18-Oct-2021
1
Document Number: 29081
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VDR Metal Oxide Varistors Standard
LINKS TO ADDITIONAL RESOURCES
ORDERING INFORMATION
The varistors are available in a number of packaging
options:
•Bulk
• On tape and reel
• On tape in ammopack (fanfold)
The basic ordering code for each option is given in tables
titled Varistors on Tape on Reel, Varistors on Tape in
Ammopack and Varistors in Bulk. To complete the catalog
number
and
to
determine
the
required
operating
parameters, see Electrical Data and Ordering Information
table.
Note
• Special lead-configuration as inside or outside crimped leads on
request
AGENCY APPROVALS
• cUL certificate
• ULus certificate
• VDE certificate
Note
• Agency approval documents, please see:
www.vishay.com/ppg?29081&documents
FEATURES
•Low
β high purity zinc oxide disc
• Halogen free insulating epoxy coating
• Straight leads and kinked leads
• Straight leads with flange
(VDRS05 and VDRS07 only)
• Certified for operation up to 85 °C according to
UL 1449 edition 4, VDE/IEC 61051-1/2
• Material categorization:
for
definitions
of
compliance
please
see
www.vishay.com/doc?99912
APPLICATION
• Overvoltage and transient voltage protection
DESCRIPTION
The varistors consist of a disc of low-
β ZnO ceramic material
with two solid copper leads (S20 types only) or copper clad
steel wire. The wires have a matte tin plating. They are
coated with UL 94 V-0 approved ocher colored halogen-free
epoxy, which provides electrical, mechanical and climatic
protection.
MOUNTING
The varistors are suitable for hand-mounting (bulk) or
automatic pick and place mounting (tape on reel or fanfold).
The parts can be soldered by hand or wave soldering.
Pin-in-paste reflow soldering is not recommended. Bending
of
the
leads
for
different
angle
placement
is
not
recommended.
Typical soldering
235 °C, duration: 5 s (Pb-bearing)
245 °C, duration: 5 s (lead (Pb)-free)
Resistance to soldering heat
260 °C, duration: 10 s max.
MARKING
The varistors are marked with the following information:
• Maximum continuous RMS voltage
• Series numbers
- 592 for VDRS05
- 593 for VDRS07
- 594 for VDRS10
- 595 for VDRS14
- 596 for VDRS20
• Safety marks on VDRS10-14-20 types
• Manufacturers logo
• Date of manufacture (YYWW)
INFLAMMABILITY
The varistors are passive non-flammable.
The encapsulation is made of flammable resistant epoxy in
accordance with UL 94 V-0.
QUICK REFERENCE DATA
PARAMETER
VALUE
UNIT
Maximum continuous voltage in
operating temperature range:
RMS
14 to 680
V
DC
18 to 895
V
Maximum non-repetitive transient
current INRP (8 x 20 μs)
100 to 6500
A
Maximum energy
(10/1000 μs)
0.5 to 496
J
Detailed specification
Based on
IEC 61051-1
IEC 61051-2
IEC 61051-2-2
Storage temperature
-40 to +125
°C
Operating temperature
-40 to +85
°C
333
DDD3 D
3D Models
Design Tools
Models


Similar Part No. - VDRS14T175XYE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRS14T175xyE VISHAY-VDRS14T175xyE Datasheet
228Kb / 20P
VDR Metal Oxide Varistors Standard
19-Jun-15
More results

Similar Description - VDRS14T175XYE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
46500 VISHAY-46500 Datasheet
255Kb / 18P
VDR Metal Oxide Varistors Standard
07-Jun-10
VDRS07B035BSE VISHAY-VDRS07B035BSE Datasheet
255Kb / 18P
VDR Metal Oxide Varistors Standard
07-Jun-10
VDRH10G040BKE VISHAY-VDRH10G040BKE Datasheet
245Kb / 20P
VDR Metal Oxide Varistors High Surge
29-Oct-12
VDRS14T175TSE VISHAY-VDRS14T175TSE Datasheet
255Kb / 18P
VDR Metal Oxide Varistors Standard
07-Jun-10
logo
EPCOS
B72207S461K101 EPCOS-B72207S461K101 Datasheet
970Kb / 46P
SIOV metal oxide varistors Leaded varistors, StandarD series
logo
Vishay Siliconix
VDRS14T275BSE VISHAY-VDRS14T275BSE Datasheet
689Kb / 18P
VDR Metal Oxide Varistors Standard
24-Jun-09
VDRH VISHAY-VDRH Datasheet
248Kb / 25P
VDR Metal Oxide Varistors High Surge
19-Jun-15
VDRS VISHAY-VDRS Datasheet
228Kb / 20P
VDR Metal Oxide Varistors Standard
19-Jun-15
logo
TDK Electronics
B722 TDK-B722 Datasheet
970Kb / 46P
SIOV metal oxide varistors, Leaded varistors, StandarD series
December 2011
logo
Vishay Siliconix
VDRH VISHAY-VDRH_V01 Datasheet
228Kb / 25P
VDR Metal Oxide Varistors High Surge
18-Oct-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com