Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDRS14T175XYE Datasheet(PDF) 10 Page - Vishay Siliconix

Part # VDRS14T175XYE
Description  VDR Metal Oxide Varistors Standard
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VDRS14T175XYE Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button VDRS14T175XYE Datasheet HTML 6Page - Vishay Siliconix VDRS14T175XYE Datasheet HTML 7Page - Vishay Siliconix VDRS14T175XYE Datasheet HTML 8Page - Vishay Siliconix VDRS14T175XYE Datasheet HTML 9Page - Vishay Siliconix VDRS14T175XYE Datasheet HTML 10Page - Vishay Siliconix VDRS14T175XYE Datasheet HTML 11Page - Vishay Siliconix VDRS14T175XYE Datasheet HTML 12Page - Vishay Siliconix VDRS14T175XYE Datasheet HTML 13Page - Vishay Siliconix VDRS14T175XYE Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
VDRS Series
www.vishay.com
Vishay BCcomponents
Revision: 18-Oct-2021
10
Document Number: 29081
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
V/I CHARACTERISTICS
14 VRMS to 40 VRMS; VDRS05
50 VRMS to 175 VRMS; VDRS05
230 VRMS to 460 VRMS; VDRS05
10
100
1000
10-5
10-4
10-3
10-2
10-1
110
102
CURRENT (A)
040
035
030
025
020
017
014
max. leakage current
max. clamping voltage
10
100
1000
CURRENT (A)
175
150
140
130
095
075
060
050
max. leakage current
max. clamping voltage
10-5
10-4
10-3
10-2
10-1
110
102
103
100
1000
CURRENT (A)
420
385
350
320
300
275
250
max. leakage current
max. clamping voltage
10-5
10-4
10-3
10-2
10-1
110
102
103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com