Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT902Q-R Datasheet(PDF) 23 Page - Bridgetek Pte Ltd.

Part # FT902Q-R
Description  Embedded Microcontroller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT902Q-R Datasheet(HTML) 23 Page - Bridgetek Pte Ltd.

Back Button FT902Q-R Datasheet HTML 19Page - Bridgetek Pte Ltd. FT902Q-R Datasheet HTML 20Page - Bridgetek Pte Ltd. FT902Q-R Datasheet HTML 21Page - Bridgetek Pte Ltd. FT902Q-R Datasheet HTML 22Page - Bridgetek Pte Ltd. FT902Q-R Datasheet HTML 23Page - Bridgetek Pte Ltd. FT902Q-R Datasheet HTML 24Page - Bridgetek Pte Ltd. FT902Q-R Datasheet HTML 25Page - Bridgetek Pte Ltd. FT902Q-R Datasheet HTML 26Page - Bridgetek Pte Ltd. FT902Q-R Datasheet HTML 27Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 67 page
background image
Copyright © Bridgetek Pte Ltd
23
FT900
/1/2/3 Revision C Embedded Microcontroller Datasheet
Version 1.0
Document No. BRT_000172 Clearance No.: BRT#087
4
Function Description
4.1
Architectural Overview
The FT900/1/2/3 series embedded microcontrollers include a high performance 32-bit FT32 RISC core
processor and 256kB hi-speed Flash memory for software program downloading with a One-Wire
debugger interface. The core processor uses a 32-bit I/O system bus to connect to all of the peripherals.
32-bit MCU Processor Core
256kB Flash Memory
256kB Shadow Program Memory
64kB Data Memory
USB2.0 host controller with battery charging capability
USB2.0 device controller with battery charging detection capability
10/100Mbps Ethernet controller (FT900 and FT901 only)
Two CAN bus interfaces (FT900 and FT902 only)
Real Time Clock
One-Wire debugger interface
One SPI master interface and two SPI slave interfaces
One I2C master and one I2C slave interface
One I2S bus interface
Two programmable 8Mbit/s UARTs
Four 16-bit timers and one 32-bit watchdog timer
Camera parallel interface
SD host controller
8-Channel PWM with optional 2-Channel Audio PCM
10-bit two channel 1 MS/s DAC
Configurable 8-bit/10-bit seven channel 480/960 kS/s ADC
General purpose I/O interface
The functions for each controller / interface are briefly described in the following subsections.
4.2
FT32 Core Processor
The FT32 core processor is running at frequencies of up to 100MHz. The processor contains the CPU itself
with control logic and its 256kB program memory and 64kB data memory. The outside connections for
the core processor are the memory-mapped I/O interface, the interrupt interface, asynchronous reset
and the system clock.
4.3
256kB Flash Memory
The internal 256kB Flash memory is used to store a boot loader or user application of the FT900/1/2/3
series. It is a high performance and low power consumption memory that supports up to 80MHz serial
clock. The system will perform memory copy from Flash memory to CPU program memory automatically
after system power on.
4.4
Boot Sequence
After the initial memory copy completes, the CPU jumps to program memory location zero. This may be
the start of the user application which is stored in advance in Flash memory, or a boot loader only which
allows program memory to perform modification via (e.g.) UART or USB.
The option of a boot loader is a special purpose routine in the FT900/1/2/3 series embedded
microcontroller. It is a small routine stored in the Flash memory. Typically the boot loader is 1-4kbytes in
size, and is loaded at the top of the available memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com