Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT902Q-R Datasheet(PDF) 51 Page - Bridgetek Pte Ltd.

Part # FT902Q-R
Description  Embedded Microcontroller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT902Q-R Datasheet(HTML) 51 Page - Bridgetek Pte Ltd.

Back Button FT902Q-R Datasheet HTML 47Page - Bridgetek Pte Ltd. FT902Q-R Datasheet HTML 48Page - Bridgetek Pte Ltd. FT902Q-R Datasheet HTML 49Page - Bridgetek Pte Ltd. FT902Q-R Datasheet HTML 50Page - Bridgetek Pte Ltd. FT902Q-R Datasheet HTML 51Page - Bridgetek Pte Ltd. FT902Q-R Datasheet HTML 52Page - Bridgetek Pte Ltd. FT902Q-R Datasheet HTML 53Page - Bridgetek Pte Ltd. FT902Q-R Datasheet HTML 54Page - Bridgetek Pte Ltd. FT902Q-R Datasheet HTML 55Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 67 page
background image
Copyright © Bridgetek Pte Ltd
51
FT900
/1/2/3 Revision C Embedded Microcontroller Datasheet
Version 1.0
Document No. BRT_000172 Clearance No.: BRT#087
6
Application Information
6.1
Crystal Oscillator
The crystal oscillator operates at a frequency of 12MHz. The oscillator can operate one of two following
configuration.
6.1.1 Crystal oscillator application circuit
FT900
XI/CLKIN
XIO
XTAL
CL
CL
12MHz
Figure 6-1 - Crystal oscillator connection
Feedback resistance is integrated on chip; only a crystal and capacitors CL need to be connected
externally. With the proper selection of crystal, the oscillator circuit can generate better quality signals for
FT900/1/2/3. Parameter CL is typically 27pF but should be checked with the crystal manufacturer.
6.1.2 External clock input
FT900
XI/CLKIN
XIO
12MHz
NC
Figure 6-2 - External clock input
The 12MHz input clock signal connects XI/CLKIN to internal oscillator directly. The XIO pin can be left
unconnected.
6.2
RTC Oscillator
In the RTC oscillator circuit Figure 6-3, only a 32.768 KHz crystal and capacitors CRTCL need to be
connected externally. The parameter CRTCL should be checked with the crystal manufacturer.
An external input clock Figure 6-4 can be connected to RTC_XI/RTC_CLKIN if RTC_XIO is left open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com