Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT902Q-R Datasheet(PDF) 39 Page - Bridgetek Pte Ltd.

Part # FT902Q-R
Description  Embedded Microcontroller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT902Q-R Datasheet(HTML) 39 Page - Bridgetek Pte Ltd.

Back Button FT902Q-R Datasheet HTML 35Page - Bridgetek Pte Ltd. FT902Q-R Datasheet HTML 36Page - Bridgetek Pte Ltd. FT902Q-R Datasheet HTML 37Page - Bridgetek Pte Ltd. FT902Q-R Datasheet HTML 38Page - Bridgetek Pte Ltd. FT902Q-R Datasheet HTML 39Page - Bridgetek Pte Ltd. FT902Q-R Datasheet HTML 40Page - Bridgetek Pte Ltd. FT902Q-R Datasheet HTML 41Page - Bridgetek Pte Ltd. FT902Q-R Datasheet HTML 42Page - Bridgetek Pte Ltd. FT902Q-R Datasheet HTML 43Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 67 page
background image
Copyright © Bridgetek Pte Ltd
39
FT900
/1/2/3 Revision C Embedded Microcontroller Datasheet
Version 1.0
Document No. BRT_000172 Clearance No.: BRT#087
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
100Base-TX mode
(Including TX current)
-
-
310
mW
100Base-TX mode
100Base-TX mode
(Excluding TX current)
-
-
165
mW
100Base-TX mode
Auto-negotiation
mode
(Including TX current)
-
-
550
mW
100Base-TX mode
Auto-negotiation
mode
(Excluding TX current)
-
-
187
mW
100Base-TX mode
Power down mode
-
-
10
mW
Ethernet power
down
Table 5-5 - Ethernet I/O pin (TXON/TXOP, RXIN/RXIP) characteristics
Note: The VOUT2 is the internal Regulator +1.2V voltage output which provide a power supply for the
internal Ethernet transceiver.
DC characteristics of DAC I/O cells
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
VCC3V3A
DAC power supply
voltage
2.97
3.3
3.63
V
Normal Operation
VREFP
Reference voltage
0
-
VCC3V3A
V
DCAP_REFP positive
reference
RES
Resolution
10
-
-
Bits
-
INL
Integral nonlinearity
error
-2
-
2
LSB
VREFP = VCC3V3A
DNL
Differential nonlinearity
error
-1
-
1
LSB
VREFP = VCC3V3A
-
Conversion latency
-
-
1
Clock
cycle
-
CLOAD
Output load: rated
capacitance
-
-
10
pF
-
RLOAD
Output load: rated
resistance
6.7
-
-
KΩ
-
Table 5-6 - DAC I/O pin (DAC_REFP, DAC0/1) characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com