Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT902Q-R Datasheet(PDF) 38 Page - Bridgetek Pte Ltd.

Part # FT902Q-R
Description  Embedded Microcontroller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT902Q-R Datasheet(HTML) 38 Page - Bridgetek Pte Ltd.

Back Button FT902Q-R Datasheet HTML 34Page - Bridgetek Pte Ltd. FT902Q-R Datasheet HTML 35Page - Bridgetek Pte Ltd. FT902Q-R Datasheet HTML 36Page - Bridgetek Pte Ltd. FT902Q-R Datasheet HTML 37Page - Bridgetek Pte Ltd. FT902Q-R Datasheet HTML 38Page - Bridgetek Pte Ltd. FT902Q-R Datasheet HTML 39Page - Bridgetek Pte Ltd. FT902Q-R Datasheet HTML 40Page - Bridgetek Pte Ltd. FT902Q-R Datasheet HTML 41Page - Bridgetek Pte Ltd. FT902Q-R Datasheet HTML 42Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 67 page
background image
Copyright © Bridgetek Pte Ltd
38
FT900
/1/2/3 Revision C Embedded Microcontroller Datasheet
Version 1.0
Document No. BRT_000172 Clearance No.: BRT#087
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Vhsoh
High speed high level
output voltage
(Differential)
-360
-
400
mV
-
Vchirpj
Chirp-J output voltage
(Differential)
700
-
1100
mV
-
Vchirpk
Chirp-K output
voltage (Differential)
-900
-
-500
mV
-
Input level for full speed and low speed
Vdi
Differential input
voltage sensitivity
0.2
-
-
V
|Vdp-Vdm|
Vcm
Differential common
mode voltage
0.8
-
2.5
V
-
Vse
Single ended receiver
threshold
0.8
-
2.0
V
-
Output level for full speed and low speed
Vol
Low level output
voltage
0
-
0.3
V
-
Voh
High level output
voltage
2.8
-
3.6
V
-
Resistance
Rdrv
Driver output
impedance
40.5
45
49.5
ohm
Equivalent
resistance used as
an internal chip
Table 5-4 - USB I/O Pin (D_DP/D_DM, H_DP/H_DM) Characteristics
Note: The VCC1V2 is USB Host or Peripheral transceiver core power supply input which need connect to
external +1.2V voltage power while USB Host or Peripheral controller is active.
DC characteristics of Ethernet I/O cells
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
General characteristics
VETH3V3
Ethernet power supply
voltage
2.97
3.3
3.63
V
Normal operation
VOUT2*
Ethernet LDO voltage
-
1.2
-
V
Normal operation
Total
dissipative
power
10Base-TX mode
(Including TX current)
-
-
510
mW
10Base-TX mode
10Base-TX mode
(Excluding TX current)
-
-
147
mW
10Base-TX mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com