Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LLC02 Datasheet(PDF) 5 Page - Ceramate Technical

Part # 24LLC02
Description  2K-Bits Serial EEPROM For Low Power
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

24LLC02 Datasheet(HTML) 5 Page - Ceramate Technical

  24LLC02 Datasheet HTML 1Page - Ceramate Technical 24LLC02 Datasheet HTML 2Page - Ceramate Technical 24LLC02 Datasheet HTML 3Page - Ceramate Technical 24LLC02 Datasheet HTML 4Page - Ceramate Technical 24LLC02 Datasheet HTML 5Page - Ceramate Technical 24LLC02 Datasheet HTML 6Page - Ceramate Technical 24LLC02 Datasheet HTML 7Page - Ceramate Technical 24LLC02 Datasheet HTML 8Page - Ceramate Technical 24LLC02 Datasheet HTML 9Page - Ceramate Technical Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
24LLC02
2K-Bits Serial EEPROM For Low Power
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 5 of 19
Rev 1.0 Dec. 26, 2001
FUNCTION DESCRIPTION
I
2C-BUS INTERFACE
The
24LLC02 supports the I 2C-bus serial interface data transmission protocol. The two-wire bus consists of a
serial data line (SDA) and a serial clock line (SCL). The SDA and the SCL lines must be connected to V CC by a
pull-up resistor that is located somewhere on the bus.
Any device that puts data onto the bus is defined as the “transmitter” and any device that gets data from the bus
is the “receiver.” The bus is controlled by a master device which generates the serial clock and start/stop conditions
, controlling bus access. Using the A0, A1, and A2 input pins, up to eight
24LLC02 devices can be connected
to the same I
2 C-bus as slaves (see Figure 1-6). Both the master and slaves can operate as transmitter or receiver
, but the master device determines which bus operating mode would be active.
SDA
Bus Master
(Transmitter/
Receiver)
MCU
242LLC
Tx/Rx
A0 A1 A2
Slave 1
To V CC or V SS
Tx/Rx
A0 A1 A2
Slave 2
To V CC or V SS
Tx/Rx
A0 A1 A2
Slave 3
To V CC or V SS
Tx/Rx
A0 A1 A2
Slave 8
To V CC or V SS
VCC
V CC
SCL
Figure 1-6. Typical Configuration (16 Kbits of Memory on the I
2 C-Bus)
24LLC02
24LLC02
24LLC02
24LLC02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com