Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LLC02 Datasheet(PDF) 14 Page - Ceramate Technical

Part # 24LLC02
Description  2K-Bits Serial EEPROM For Low Power
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

24LLC02 Datasheet(HTML) 14 Page - Ceramate Technical

Back Button 24LLC02 Datasheet HTML 10Page - Ceramate Technical 24LLC02 Datasheet HTML 11Page - Ceramate Technical 24LLC02 Datasheet HTML 12Page - Ceramate Technical 24LLC02 Datasheet HTML 13Page - Ceramate Technical 24LLC02 Datasheet HTML 14Page - Ceramate Technical 24LLC02 Datasheet HTML 15Page - Ceramate Technical 24LLC02 Datasheet HTML 16Page - Ceramate Technical 24LLC02 Datasheet HTML 17Page - Ceramate Technical 24LLC02 Datasheet HTML 18Page - Ceramate Technical Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
24LLC02
2K-Bits Serial EEPROM For Low Power
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 14 of 19
Rev 1.0 Dec. 26, 2001
ELECTRICAL DATA
Table 1-3. Absolute Maximum Ratings
(T A = 25 °C)
Parameter
Symbol
Conditions
Rating
Unit
Supply voltage
V CC
–
– 0.3 to + 7.0
V
Input voltage
V IN
–
– 0.3 to + 7.0
V
Output voltage
V O
–
– 0.3 to + 7.0
V
Operating temperature
T A
–
– 40 to + 85
°C
Storage temperature
T STG
–
– 65 to + 150
°C
Electrostatic discharge
V ESD
HBM
5000
V
MM
500
Table 1-4. D.C. Electrical Characteristics
(T A = – 25 °C to + 70 °C (C), – 40 °C to + 85 °C (I), V CC = 1.8 V to 5.5 V)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input low voltage
V IL
SCL, SDA, A0, A1, A2
–
–
0.3 V CC
V
Input high voltage
V IH
0.7 V CC
–
–
V
Input leakage current
ILI
V IN = 0 to V CC
–
–
10
µA
Output leakage current
ILO
V O = 0 to V CC
–
–
10
µA
Output low voltage
V OL
IOL = 0.15 mA, V CC = 1.8 V
–
–
0.2
V
IOL = 2.1 mA, V CC = 2.5 V
–
–
0.4
Supply current
Write
ICC1
V CC = 5.5 V, 400 kHz
–
–
3
mA
ICC2
V CC = 1.8 V, 100 kHz
–
–
1
Read
ICC3
V CC = 5.5 V, 400 kHz
–
–
0.2
ICC4
V CC = 1.8 V, 100 kHz
–
–
60
µA
Stand-by current
ICC5
V CC = SDA = SCL = 5.5 V,
all other inputs = 0 V
–
–
5
µA
ICC6
V CC = SDA = SCL = 1.8 V,
all other inputs = 0 V
–
–
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com