Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LLC02 Datasheet(PDF) 12 Page - Ceramate Technical

Part # 24LLC02
Description  2K-Bits Serial EEPROM For Low Power
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

24LLC02 Datasheet(HTML) 12 Page - Ceramate Technical

Back Button 24LLC02 Datasheet HTML 8Page - Ceramate Technical 24LLC02 Datasheet HTML 9Page - Ceramate Technical 24LLC02 Datasheet HTML 10Page - Ceramate Technical 24LLC02 Datasheet HTML 11Page - Ceramate Technical 24LLC02 Datasheet HTML 12Page - Ceramate Technical 24LLC02 Datasheet HTML 13Page - Ceramate Technical 24LLC02 Datasheet HTML 14Page - Ceramate Technical 24LLC02 Datasheet HTML 15Page - Ceramate Technical 24LLC02 Datasheet HTML 16Page - Ceramate Technical Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
24LLC02
2K-Bits Serial EEPROM For Low Power
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 12 of 19
Rev 1.0 Dec. 26, 2001
RANDOM ADDRESS BYTE READ OPERATION
Using random read operations, the master can access any memory location at any time. Before it issues the
slave address with the R/W bit set to “1”, the master must first perform a “dummy” write operation. This operation
is performed in the following steps:
1. The master first issues a Start condition, the slave address, and the word address to be read. (This step sets
the internal word address pointer of the 24LLC02 to the desired address.)
2. When the master receives an ACK for the word address, it immediately re-issues a start condition followed
by another slave address, with the R/W bit set to “1”.
3. The 24LLC02 then sends an ACK and the 8-bit data stored at the desired address.
4. At this point, the master does not acknowledge the transmission, but generates a stop condition instead.
5. In response, the 24LLC02 stops transmitting data and reverts to its stand-by mode (see Figure 1-13).
Slave Address
Word Address
Start
A
C
K
A
C
K
Slave Address
A
C
K
N
O
A
C
K
Stop
Start
Data (n)
Figure 1-13. Random Address Byte Read Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com