Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LLC02 Datasheet(PDF) 15 Page - Ceramate Technical

Part # 24LLC02
Description  2K-Bits Serial EEPROM For Low Power
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

24LLC02 Datasheet(HTML) 15 Page - Ceramate Technical

Back Button 24LLC02 Datasheet HTML 11Page - Ceramate Technical 24LLC02 Datasheet HTML 12Page - Ceramate Technical 24LLC02 Datasheet HTML 13Page - Ceramate Technical 24LLC02 Datasheet HTML 14Page - Ceramate Technical 24LLC02 Datasheet HTML 15Page - Ceramate Technical 24LLC02 Datasheet HTML 16Page - Ceramate Technical 24LLC02 Datasheet HTML 17Page - Ceramate Technical 24LLC02 Datasheet HTML 18Page - Ceramate Technical 24LLC02 Datasheet HTML 19Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
24LLC02
2K-Bits Serial EEPROM For Low Power
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 15 of 19
Rev 1.0 Dec. 26, 2001
Table 1-4. D.C. Electrical Characteristics (Continued)
(T A = – 25 °C to + 70 °C (C), – 40 °C to + 85 °C (I), V CC = 1.8 V to 5.5 V)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input capacitance
C IN
25 °C, 1MHz,
V CC = 5 V, V IN = 0 V,
A0, A1, A2, SCL and WP pin
–
–
10
pF
Input/output capacitance
C I/O
25 °C, 1MHz,
V CC = 5 V, V I/O = 0 V,
SDA pin
–
–
10
Table 1-5. A.C. Electrical Characteristics
(T A = – 25 °C to + 70 °C (C), – 40 °C to + 85 °C (I), V CC = 1.8 V to 5.5 V)
Parameter
Symbol
Conditions
V CC = 1.8 to 5.5 V
(Standard Mode)
V CC = 2.5 to 5.5 V
(Fast Mode)
Unit
Min
Max
Min
Max
External clock frequency
F CLK
–
0
100
0
400
kHz
Clock high time
tHIGH
–
4
–
0.6
–
µs
Clock low time
tLOW
–
4.7
–
1.3
–
Rising time
tR
SDA, SCL
–
1
–
0.3
Falling time
tF
SDA, SCL
–
0.3
–
0.3
Start condition hold time
tHD:STA
–
4
–
0.6
–
Start condition setup time
tSU:STA
–
4.7
–
0.6
–
Data input hold time
tHD:DAT
–
0
–
0
–
Data input setup time
tSU:DAT
–
0.25
–
0.1
–
Stop condition setup time
tSU:STO
–
4
–
0.6
–
Bus free time
tBUF
Before new
transmission
4.7
–
1.3
–
Data output valid from
clock low (note)
tAA
–
0.3
3.5
–
0.9
Noise spike width
tSP
–
–
100
–
50
ns
Write cycle time
tWR
–
–
5
–
5
ms
NOTES :
1.
Upon customers request, up to 400 kHz (Max.) in standard mode and 1 MHz in fast mode are available.
2.
When acting as a transmitter, the 24LLC02 must provide an internal minimum delay time to bridge the undefined period
(minimum 300 ns) of the falling edge of SCL. This is required to avoid unintended generation of a start or stop condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com