Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHAHVAC1PHASE Datasheet(PDF) 4 Page - Vishay Siliconix

Part # PHAHVAC1PHASE
Description  High Voltage AC Power Capacitors 1-Phase Units
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PHAHVAC1PHASE Datasheet(HTML) 4 Page - Vishay Siliconix

  PHAHVAC1PHASE Datasheet HTML 1Page - Vishay Siliconix PHAHVAC1PHASE Datasheet HTML 2Page - Vishay Siliconix PHAHVAC1PHASE Datasheet HTML 3Page - Vishay Siliconix PHAHVAC1PHASE Datasheet HTML 4Page - Vishay Siliconix PHAHVAC1PHASE Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Pha... HVAC Capacitors 1-Phase
www.vishay.com
Vishay ESTA
Revision: 11-Oct-2021
4
Document Number: 13045
For technical questions, contact: esta@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• n. E. = no entry
1-PHASE CAPACITORS UP TO 24 kV, IP00
RATED
VOLTAGE
UN
(kV)
OUTPUT
Qn AT 50 Hz
(kvar)
OUTPUT
Qn AT 60 Hz
(kvar)
IMPULSE
(kVp)
CURRENT
AT 50 Hz
(A)
CURRENT
AT 60 Hz
(A)
CASING DIMENSIONS
L x W x H
(mm)
CASING DIMENSIONS
L x W x H
(mm)
WITH INTERNAL FUSES
13.85
25
30
95
2
2
345 x 110 x 175
n/a
13.85
50
60
95
4
4
345 x 110 x 190
n/a
13.85
75
90
95
5
6
345 x 135 x 225
n/a
13.85
100
120
95
7
9
345 x 135 x 270
n/a
13.85
150
180
95
11
13
345 x 135 x 360
n/a
13.85
200
240
95
14
17
345 x 135 x 435
n/a
13.85
300
360
95
22
26
345 x 135 x 575
345 x 135 x 925
13.85
400
480
95
29
35
345 x 175 x 590
345 x 135 x 945
13.85
550
660
95
40
48
345 x 175 x 770
345 x 175 x 870
13.85
700
840
95
51
61
345 x 175 x 950
345 x 175 x 1040
13.85
900
1080
95
65
78
345 x 175 x 1190
345 x 175 x 1200
TYPE NOMENCLATURE
P
h
a
f
s
o
6.3
/
200
/
1
D
12
3
4
5
6
7
8
9
1
2
3
456
78
9
Ph: power
capacitor
a = all film
dielectric
f: outdoor
n. E.: indoor
s: live casing
n. E.: dead
casing
o: non PCB
impregnating
agent
Rated voltage
(kV)
Rated output
(kvar)
Rated
capacitance
(μF)
1 = 1-phase
capacitor
n. E. =
3-phase
capacitor
D = over
pressure
device



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com