Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHAHVAC1PHASE Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PHAHVAC1PHASE
Description  High Voltage AC Power Capacitors 1-Phase Units
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PHAHVAC1PHASE Datasheet(HTML) 2 Page - Vishay Siliconix

  PHAHVAC1PHASE Datasheet HTML 1Page - Vishay Siliconix PHAHVAC1PHASE Datasheet HTML 2Page - Vishay Siliconix PHAHVAC1PHASE Datasheet HTML 3Page - Vishay Siliconix PHAHVAC1PHASE Datasheet HTML 4Page - Vishay Siliconix PHAHVAC1PHASE Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Pha... HVAC Capacitors 1-Phase
www.vishay.com
Vishay ESTA
Revision: 11-Oct-2021
2
Document Number: 13045
For technical questions, contact: esta@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CORROSION PROTECTION
Case material: stainless steel case AISI 409 (AISI 304 as option)
Thickness of material 1.5 mm, top cover and bottom 2.0 mm
Standard case dimensions: 345 mm x 110 mm / 135 mm / 175 mm x H mm
Special dimensions on request (replacement market)
FORMS OF CONSTRUCTION
CONNECTION
Mechanically suitable for
horizontal arrangement
Mechanically suitable for
vertical arrangement
Live case
Dead case



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com