Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHAHVAC1PHASE Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PHAHVAC1PHASE
Description  High Voltage AC Power Capacitors 1-Phase Units
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PHAHVAC1PHASE Datasheet(HTML) 1 Page - Vishay Siliconix

  PHAHVAC1PHASE Datasheet HTML 1Page - Vishay Siliconix PHAHVAC1PHASE Datasheet HTML 2Page - Vishay Siliconix PHAHVAC1PHASE Datasheet HTML 3Page - Vishay Siliconix PHAHVAC1PHASE Datasheet HTML 4Page - Vishay Siliconix PHAHVAC1PHASE Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Pha... HVAC Capacitors 1-Phase
www.vishay.com
Vishay ESTA
Revision: 11-Oct-2021
1
Document Number: 13045
For technical questions, contact: esta@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Voltage AC Power Capacitors
1-Phase Units
LINKS TO ADDITIONAL RESOURCES
FEATURES
• Latest technology
• High quality materials
• Low losses design
• Dielectric liquid biodegradable
APPLICATIONS
• Power factor correction
• Harmonic filtering
• Motor compensation
• Industrial converter
• Thermal power station
•Solar
•Wind
333
DDD3 D
3D Models
QUICK REFERENCE DATA
Series
Pha… HVAC 1-phase
Description
High voltage AC power capacitors, indoor / outdoor
Type
High voltage AC 1-phase
Technology
All-film polypropylene / aluminum foil
Voltage min. (V)
1000
Voltage max. (V)
24 000
Frequency min. (Hz)
50
Frequency max. (Hz)
60
Output min. (kvar)
25
Output max. (kvar)
1000
TECHNICAL DATA
Rated frequency
50 Hz or 60 Hz (other frequencies on request)
Insulation class
3.6 kV to 36 kV
Internal connection
1-phase (live or dead case)
Average losses
< 0.15 W/kvar
Discharge resistors
Internal (75 V/10 min) or (50 V/5 min)
Temperature category
-50 °C to +55 °C
Capacitance tolerance
-5 % / +10 %
Internal connection
Single phase (live or dead case)
Dielectric
All-film polypropylene / aluminum foil
Impregnating agent
Synthetic oil (non-PCB)
Protection
Internal fuses / pressure monitoring device
Inrush current
100 x IN max.
Standards
IEC 60871, ANSI/IEEE 18, CSA C22.2 No. 190
Bushings
Porcelain, screw or welded type, M12 / M16
Casing
Stainless steel
Standard color
RAL 7033 / other colors available upon request


Similar Part No. - PHAHVAC1PHASE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PHAHVAC3PHASE VISHAY-PHAHVAC3PHASE Datasheet
106Kb / 5P
High Voltage AC Power Capacitors 3-Phase Units
07-May-2018
More results

Similar Description - PHAHVAC1PHASE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DUA01C724500V ETC2-DUA01C724500V Datasheet
197Kb / 4P
Monitoring Relays 1-Phase AC/DC Over Voltage - AC Over Current
logo
Vishay Siliconix
HAU100 VISHAY-HAU100 Datasheet
185Kb / 4P
Ceramic High Voltage Disc Capacitors, Class 1
31-Jan-2006
logo
Cornell Dubilier Electr...
PFCHS24C0.5S572T CDE-PFCHS24C0.5S572T Datasheet
250Kb / 5P
3-Phase AC Power Harmonic Filter Capacitors
PFCSS24C0.5S572T CDE-PFCSS24C0.5S572T Datasheet
139Kb / 4P
3-Phase AC Power Factor Correction Capacitors
logo
Maxim Integrated Produc...
78M6610PSU MAXIM-78M6610PSU Datasheet
846Kb / 65P
Energy Measurement Processor for Single-Phase Power-Supply Units
2014
logo
Vishay Siliconix
C-HVAC3PHCAPBANKS VISHAY-C-HVAC3PHCAPBANKS Datasheet
148Kb / 5P
High Voltage AC Power Capacitors 3-Phase Capacitor Banks
07-May-2018
C-HVAC3PHCAPBANKSIP55 VISHAY-C-HVAC3PHCAPBANKSIP55 Datasheet
157Kb / 4P
High Voltage AC Power Capacitors 3-Phase Capacitor Banks IP55
07-May-2018
C-HVACMECB VISHAY-C-HVACMECB Datasheet
354Kb / 4P
High Voltage AC Power Capacitors Metal Enclosed Capacitor Banks (MECB)
07-May-2018
PHAHVAC3PHASE VISHAY-PHAHVAC3PHASE Datasheet
106Kb / 5P
High Voltage AC Power Capacitors 3-Phase Units
07-May-2018
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com