Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHAHVAC1PHASE Datasheet(PDF) 3 Page - Vishay Siliconix

Part # PHAHVAC1PHASE
Description  High Voltage AC Power Capacitors 1-Phase Units
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PHAHVAC1PHASE Datasheet(HTML) 3 Page - Vishay Siliconix

  PHAHVAC1PHASE Datasheet HTML 1Page - Vishay Siliconix PHAHVAC1PHASE Datasheet HTML 2Page - Vishay Siliconix PHAHVAC1PHASE Datasheet HTML 3Page - Vishay Siliconix PHAHVAC1PHASE Datasheet HTML 4Page - Vishay Siliconix PHAHVAC1PHASE Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Pha... HVAC Capacitors 1-Phase
www.vishay.com
Vishay ESTA
Revision: 11-Oct-2021
3
Document Number: 13045
For technical questions, contact: esta@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSION AND WEIGHT
1-PHASE CAPACITORS UP TO 7.2 kV, IP00
RATED
VOLTAGE
UN
(kV)
OUTPUT
Qn AT 50 Hz
(kvar)
OUTPUT
Qn AT 60 Hz
(kvar)
IMPULSE
(kVp)
CURRENT
AT 50 Hz
(A)
CURRENT
AT 60 Hz
(A)
CASING DIMENSIONS
L x W x H
(mm)
CASING DIMENSIONS
L x W x H
(mm)
WITH INTERNAL FUSES
4.15
25
30
60
6
7
345 x 110 x 130
n/a
4.15
50
60
60
12
14
345 x 110 x 180
n/a
4.15
75
90
60
18
22
345 x 110 x 230
n/a
4.15
100
120
60
24
29
345 x 110 x 285
n/a
4.15
150
180
60
36
43
345 x 135 x 320
345 x 135 x 395
4.15
200
240
60
48
58
345 x 135 x 405
345 x 135 x 420
4.15
300
360
60
72
87
345 x 175 x 440
345 x 135 x 595
4.15
400
480
60
96
116
345 x 175 x 560
345 x 175 x 590
4.15
550
660
60
133
159
345 x 175 x 735
345 x 175 x 775
4.15
700
840
60
169
202
345 x 175 x 915
345 x 175 x 965
4.15
900
1080
60
217
260
345 x 175 x 1160
345 x 175 x 1200
1-PHASE CAPACITORS UP TO 12 kV, IP00
RATED
VOLTAGE
UN
(kV)
OUTPUT
Qn AT 50 Hz
(kvar)
OUTPUT
Qn AT 60 Hz
(kvar)
IMPULSE
(kVp)
CURRENT
AT 50 Hz
(A)
CURRENT
AT 60 Hz
(A)
CASING DIMENSIONS
L x W x H
(mm)
CASING DIMENSIONS
L x W x H
(mm)
WITH INTERNAL FUSES
6.92
25
30
75
4
4
345 x 110 x 140
n/a
6.92
50
60
75
7
9
345 x 110 x 190
n/a
6.92
75
90
75
11
13
345 x 110 x 245
n/a
6.92
100
120
75
14
17
345 x 110 x 305
n/a
6.92
150
180
75
22
26
345 x 135 x 345
n/a
6.92
200
240
75
29
35
345 x 135 x 430
345 x 135 x 495
6.92
300
360
75
43
52
345 x 135 x 615
345 x 135 x 620
6.92
400
480
75
58
69
345 x 135 x 775
345 x 135 x 790
6.92
550
660
75
79
95
345 x 175 x 780
345 x 175 x 815
6.92
700
840
75
101
121
345 x 175 x 965
345 x 175 x 1015
6.92
900
1080
75
130
156
345 x 175 x 1200
n/a
1-PHASE CAPACITORS UP TO 17.5 kV, IP00
RATED
VOLTAGE
UN
(kV)
OUTPUT
Qn AT 50 Hz
(kvar)
OUTPUT
Qn AT 60 Hz
(kvar)
IMPULSE
(kVp)
CURRENT
AT 50 Hz
(A)
CURRENT
AT 60 Hz
(A)
CASING DIMENSIONS
L x W x H
(mm)
CASING DIMENSIONS
L x W x H
(mm)
WITH INTERNAL FUSES
10.1
25
30
95
2
3
345 x 110 x 145
n/a
10.1
50
60
95
5
6
345 x 110 x 205
n/a
10.1
75
90
95
7
9
345 x 110 x 265
n/a
10.1
100
120
95
10
12
345 x 110 x 325
n/a
10.1
150
180
95
15
18
345 x 135 x 375
n/a
10.1
200
240
95
20
24
345 x 135 x 465
n/a
10.1
300
360
95
30
36
345 x 135 x 645
345 x 135 x 680
10.1
400
480
95
40
48
345 x 175 x 655
345 x 175 x 685
10.1
550
660
95
54
65
345 x 175 x 855
345 x 175 x 830
10.1
700
840
95
69
83
345 x 175 x 1050
345 x 175 x 1055
10.1
900
1080
95
89
107
345 x 175 x 1190
345 x 175 x 1200



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com