Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHAHVAC3PHASE Datasheet(PDF) 4 Page - Vishay Siliconix

Part # PHAHVAC3PHASE
Description  High Voltage AC Power Capacitors 3-Phase Units
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PHAHVAC3PHASE Datasheet(HTML) 4 Page - Vishay Siliconix

  PHAHVAC3PHASE Datasheet HTML 1Page - Vishay Siliconix PHAHVAC3PHASE Datasheet HTML 2Page - Vishay Siliconix PHAHVAC3PHASE Datasheet HTML 3Page - Vishay Siliconix PHAHVAC3PHASE Datasheet HTML 4Page - Vishay Siliconix PHAHVAC3PHASE Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Pha... HVAC Capacitors 3-Phase
www.vishay.com
Vishay ESTA
Revision: 07-May-2018
4
Document Number: 13181
For technical questions, contact: esta@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• n. E. = no entry
TYPE NOMENCLATURE
P
h
a
f
s
o
6.3
/
200
/
1
D
12
3
4
5
6
7
8
9
1
2
3
456
78
9
Ph: power
capacitor
a = all film
dielectric
f: outdoor
n. E.: indoor
s: live casing
n. E.: dead
casing
o: non PCB
impregnating
agent
Rated voltage
(kV)
Rated output
(kvar)
Rated
capacitance
(μF)
1 = 1-phase
capacitor
n. E. =
3-phase
capacitor
D = over
pressure
device



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com