Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHAHVAC3PHASE Datasheet(PDF) 3 Page - Vishay Siliconix

Part # PHAHVAC3PHASE
Description  High Voltage AC Power Capacitors 3-Phase Units
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PHAHVAC3PHASE Datasheet(HTML) 3 Page - Vishay Siliconix

  PHAHVAC3PHASE Datasheet HTML 1Page - Vishay Siliconix PHAHVAC3PHASE Datasheet HTML 2Page - Vishay Siliconix PHAHVAC3PHASE Datasheet HTML 3Page - Vishay Siliconix PHAHVAC3PHASE Datasheet HTML 4Page - Vishay Siliconix PHAHVAC3PHASE Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Pha... HVAC Capacitors 3-Phase
www.vishay.com
Vishay ESTA
Revision: 07-May-2018
3
Document Number: 13181
For technical questions, contact: esta@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSION AND WEIGHT
3-PHASE CAPACITORS UP TO 7.2 kV, IP00
RATED VOLTAGE
UN
(kV)
OUTPUT
Qn AT 50 Hz
(kvar)
OUTPUT
Qn AT 60 Hz
(kvar)
IMPULSE
(kVp)
CURRENT
AT 50 Hz
(A)
CURRENT
AT 60 Hz
(A)
CASING DIMENSIONS
L x W x H
(mm)
WEIGHT
(kg)
FORM
7.2
25
30
60
2
2
345 x 110 x 300
22
1
7.2
50
60
60
4
5
345 x 110 x 300
22
1
7.2
75
90
60
6
7
345 x 110 x 300
22
1
7.2
100
120
60
8
10
345 x 110 x 330
24
1
7.2
150
180
60
12
14
345 x 135 x 370
30
1
7.2
200
240
60
16
19
345 x 135 x 470
36
1
7.2
300
360
60
24
29
345 x 135 x 630
47
1
7.2
400
480
60
32
39
345 x 175 x 635
58
1
7.2
550
660
60
44
53
345 x 175 x 825
73
1
7.2
700
840
60
56
67
345 x 175 x 1010
88
1
7.2
800
960
60
64
77
345 x 175 x 1155
100
1
3-PHASE CAPACITORS UP TO 12 kV, IP00
RATED VOLTAGE
UN
(kV)
OUTPUT
Qn AT 50 Hz
(kvar)
OUTPUT
Qn AT 60 Hz
(kvar)
IMPULSE
(kVp)
CURRENT
AT 50 Hz
(A)
CURRENT
AT 60 Hz
(A)
CASING DIMENSIONS
L x W x H
(mm)
WEIGHT
(kg)
FORM
12
50
60
75
2
3
450 x 110 x 335
30
2
12
75
90
75
4
4
450 x 110 x 340
30
2
12
100
120
75
5
6
450 x 110 x 350
31
2
12
150
180
75
7
9
450 x 110 x 445
37
2
12
200
240
75
10
12
450 x 135 x 470
45
2
12
300
360
75
14
17
450 x 135 x 650
59
2
12
400
480
75
19
23
450 x 175 x 650
73
2
12
550
660
75
26
32
450 x 175 x 815
90
2
12
700
840
75
34
40
450 x 175 x 1015
110
2
12
800
960
75
38
46
450 x 175 x 1130
122
2
3-PHASE CAPACITORS UP TO 17.5 kV, IP00
RATED VOLTAGE
UN
(kV)
OUTPUT
Qn AT 50 Hz
(kvar)
OUTPUT
Qn AT 60 Hz
(kvar)
IMPULSE
(kVp)
CURRENT
AT 50 Hz
(A)
CURRENT
AT 60 Hz
(A)
CASING DIMENSIONS
L x W x H
(mm)
WEIGHT
(kg)
FORM
17.5
50
60
95
2
2
450 x 110 x 460
41
3
17.5
75
90
95
2
3
450 x 110 x 475
43
3
17.5
100
120
95
3
4
450 x 110 x 495
44
3
17.5
150
180
95
5
6
450 x 110 x 495
44
3
17.5
200
240
95
7
8
450 x 110 x 560
48
3
17.5
300
360
95
10
12
450 x 135 x 675
65
3
17.5
400
480
95
13
16
450 x 135 x 825
77
3
17.5
550
660
95
18
22
450 x 175 x 825
95
3
17.5
700
840
95
23
28
450 x 175 x 995
113
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com