Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHAHVAC3PHASE Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PHAHVAC3PHASE
Description  High Voltage AC Power Capacitors 3-Phase Units
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PHAHVAC3PHASE Datasheet(HTML) 2 Page - Vishay Siliconix

  PHAHVAC3PHASE Datasheet HTML 1Page - Vishay Siliconix PHAHVAC3PHASE Datasheet HTML 2Page - Vishay Siliconix PHAHVAC3PHASE Datasheet HTML 3Page - Vishay Siliconix PHAHVAC3PHASE Datasheet HTML 4Page - Vishay Siliconix PHAHVAC3PHASE Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Pha... HVAC Capacitors 3-Phase
www.vishay.com
Vishay ESTA
Revision: 07-May-2018
2
Document Number: 13181
For technical questions, contact: esta@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FORMS OF CONSTRUCTION
IP00 3-phase capacitor are provided with three bushings, dead casing with grounding connection point. They are connected
either in star or in delta, with pressure monitoring device.
CONNECTIONS
Star
Delta
CORROSION PROTECTION
Case material: stainless steel case AISI 409 (AISI 304 as option)
Thickness of material 1.5 mm, top cover and bottom 2.0 mm
Standard case dimensions: 345 mm x 110 mm / 135 mm / 175 mm x H mm
Special dimensions on request (replacement market)
Form 1
Form 2
Form 3
L1
L2
L3
L1
L2
L3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com