Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHAHVAC3PHASE Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PHAHVAC3PHASE
Description  High Voltage AC Power Capacitors 3-Phase Units
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PHAHVAC3PHASE Datasheet(HTML) 1 Page - Vishay Siliconix

  PHAHVAC3PHASE Datasheet HTML 1Page - Vishay Siliconix PHAHVAC3PHASE Datasheet HTML 2Page - Vishay Siliconix PHAHVAC3PHASE Datasheet HTML 3Page - Vishay Siliconix PHAHVAC3PHASE Datasheet HTML 4Page - Vishay Siliconix PHAHVAC3PHASE Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Pha... HVAC Capacitors 3-Phase
www.vishay.com
Vishay ESTA
Revision: 07-May-2018
1
Document Number: 13181
For technical questions, contact: esta@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Voltage AC Power Capacitors
3-Phase Units
FEATURES
• Latest technology
• High quality materials
• Low losses design
• Dielectric liquid biodegradable
APPLICATIONS
• Power factor correction
• Harmonic filtering
• Motor compensation
• Industrial converter
• Thermal power station
•Solar
•Wind
QUICK REFERENCE DATA
Series
Pha… HVAC 3-phase
Description
High voltage power capacitors, indoor
Type
High voltage AC power capacitors, 3-phase units
Technology
All-film polypropylene / aluminum foil
Voltage min. (V)
1000
Voltage max. (V)
17 500
Frequency min. (Hz)
50
Frequency max. (Hz)
60
Output min. (kvar)
25
Output max. (kvar)
900
TECHNICAL DATA
Rated frequency
50 Hz or 60 Hz (other frequencies on request)
Insulation class
7.2 kV / 12 kV / 17.5 kV
Internal connection
Star or delta
Average losses
< 0.15 W/kvar
Discharge resistors
Internal (75 V/10 min)
Temperature category
-50 °C to +55 °C
Capacitance tolerance
-5 % / +10 %
Internal connection
Star or delta
Impregnating agent
Synthetic oil (non-PCB)
Protection
Pressure monitoring device
Inrush current
100 x IN max.
Standards
IEC 60871, ANSI/IEEE 18, CSA C22.2 No. 190
Bushings
Porcelain, screw or welded type, M12 / M16
Casing
Stainless steel
Standard color
RAL 7033 / other colors available upon request


Similar Part No. - PHAHVAC3PHASE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PHAHVAC1PHASE VISHAY-PHAHVAC1PHASE Datasheet
113Kb / 5P
High Voltage AC Power Capacitors 1-Phase Units
11-Oct-2021
More results

Similar Description - PHAHVAC3PHASE

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SCM1106M ALLEGRO-SCM1106M Datasheet
376Kb / 10P
High Voltage 3 Phase Motor Driver
logo
Sanken electric
SMA6853M SANKEN-SMA6853M Datasheet
264Kb / 14P
High Voltage 3-Phase Motor Driver
SMA6850M SANKEN-SMA6850M Datasheet
334Kb / 15P
High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SCM-1101M ALLEGRO-SCM-1101M Datasheet
338Kb / 11P
High Voltage 3-Phase Motor Driver
SMA6820MP ALLEGRO-SMA6820MP Datasheet
301Kb / 13P
High Voltage 3-Phase Motor Drivers
logo
Cornell Dubilier Electr...
PFCHS24C0.5S572T CDE-PFCHS24C0.5S572T Datasheet
250Kb / 5P
3-Phase AC Power Harmonic Filter Capacitors
PFCSS24C0.5S572T CDE-PFCSS24C0.5S572T Datasheet
139Kb / 4P
3-Phase AC Power Factor Correction Capacitors
logo
Vishay Siliconix
C-HVAC3PHCAPBANKS VISHAY-C-HVAC3PHCAPBANKS Datasheet
148Kb / 5P
High Voltage AC Power Capacitors 3-Phase Capacitor Banks
07-May-2018
C-HVAC3PHCAPBANKSIP55 VISHAY-C-HVAC3PHCAPBANKSIP55 Datasheet
157Kb / 4P
High Voltage AC Power Capacitors 3-Phase Capacitor Banks IP55
07-May-2018
PHAHVAC1PHASE VISHAY-PHAHVAC1PHASE Datasheet
113Kb / 5P
High Voltage AC Power Capacitors 1-Phase Units
11-Oct-2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com