Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD4509 Datasheet(PDF) 3 Page - Ceramate Technical

Part # CMD4509
Description  5-CH BTL Driver for DVD Player
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CMD4509 Datasheet(HTML) 3 Page - Ceramate Technical

  CMD4509 Datasheet HTML 1Page - Ceramate Technical CMD4509 Datasheet HTML 2Page - Ceramate Technical CMD4509 Datasheet HTML 3Page - Ceramate Technical CMD4509 Datasheet HTML 4Page - Ceramate Technical CMD4509 Datasheet HTML 5Page - Ceramate Technical CMD4509 Datasheet HTML 6Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CMD4509
5-CH BTL Driver for DVD Player
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 3 of 6
Rev 1.0 Dec. 15,2004
Absolute Maximum Rating(Ta=25℃)
CHARACTERISTICS
SYMBOL
LIMITS
UNIT
Supply voltage
Vcc1
Vcc2
13.5
V
Power dissipation
Pd
*1.7
W
Operate Temp range
Topr
-35~+85
Storage Temp range
Tstg
-55~+150
Note:
1. When mounted on 50mm x 50mm x 1mm PCB ( Phenolic resin material).
2. Power dissipation reduces 20mW/℃for using above Ta=25
.
3. Do not exceed Pd and SOA
Power Dissipation Curve
Recommended Operating Conditions
CHARACTERISTICS
SYMBOL
LIMITS
UNIT
Vcc1
4.3~13.2
V
Supply voltage
Vcc2
4.3~Vcc1
V
1
2
3
0
25
50
75
100
125
150
Ambient Temperature ( )
175



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com