Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD4509 Datasheet(PDF) 5 Page - Ceramate Technical

Part # CMD4509
Description  5-CH BTL Driver for DVD Player
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CMD4509 Datasheet(HTML) 5 Page - Ceramate Technical

  CMD4509 Datasheet HTML 1Page - Ceramate Technical CMD4509 Datasheet HTML 2Page - Ceramate Technical CMD4509 Datasheet HTML 3Page - Ceramate Technical CMD4509 Datasheet HTML 4Page - Ceramate Technical CMD4509 Datasheet HTML 5Page - Ceramate Technical CMD4509 Datasheet HTML 6Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CMD4509
5-CH BTL Driver for DVD Player
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 5 of 6
Rev 1.0 Dec. 15,2004
Application Circuit
10K
10K
10K
25K
25K
15K
1
3
4
5
6
7
89
10
11
12
13
14
15
16
17
18
28
27
26
25
24
23
22
21
20
19
25K
10K
Spindle
Driver
Actuator
Driver
Actuator
Driver
Sled
Driver
TRAY
DRIVER
Pre-DRV
MUTE
Thermal
Shun Down
2
VCC1
VCC2
VCC2
+
-
+
-
+
-
+
-
VCC2
VCC1
PGND
PGND
GND
12V
Motor Loading
MUTE
SERVO
U-COM
5V/12V
Tray
Voltage
Control
Focus Coil
Sled Motor
Spindle Motor
Tracking Coil
Spindle
Tacking
Vcenter
Focus
Sled
FWD
REV
DCMOT
4.7K
5V
ADJ 2.5V
REGOUT
10K
16.4K
47uF
5V
5V
MOCTL



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com